Electronic Components Datasheet Search
  English  ▼

X  

100302D Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 100302D
Description  Low Power Quint 2-Input OR/NOR Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

100302D Datasheet(HTML) 3 Page - National Semiconductor (TI)

  100302D Datasheet HTML 1Page - National Semiconductor (TI) 100302D Datasheet HTML 2Page - National Semiconductor (TI) 100302D Datasheet HTML 3Page - National Semiconductor (TI) 100302D Datasheet HTML 4Page - National Semiconductor (TI) 100302D Datasheet HTML 5Page - National Semiconductor (TI) 100302D Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Above which the useful life may be impaired
Storage Temperature (T
STG)
−65˚C to +150˚C
Maximum Junction Temperature (T
J)
Ceramic
+175˚C
V
EE Pin Potential to
Ground Pin
−7.0V to +0.5V
Input Voltage (DC)
V
EE to +0.5V
Output Current (DC Output HIGH)
−50 mA
ESD (Note 2)
≥2000V
Recommended Operating
Conditions
Case Temperature (T
C)
Military
−55˚C to +125˚C
Supply Voltage (V
EE)
−5.7V to −4.2V
Note 1: Absolute maximum ratings are those values beyond which the de-
vice may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 2: ESD testing conforms to MIL-STD-883, Method 3015.
Military Version
DC Electrical Characteristics
V
EE = −4.2V to −5.7V, VCC = VCCA = GND, TC = −55˚C to +125˚C (Note 5)
Symbol
Parameter
Min
Max
Units
T
C
Conditions
Notes
V
OH
Output HIGH Voltage
−1025
−870
mV
0˚C to +125˚C
−1085
−870
mV
−55˚C
V
IN = VIH(Max)
Loading with
(Notes 3, 4,
5)
V
OL
Output LOW Voltage
−1830 −1620
mV
0˚C to +125˚C
or V
IL (Min)
50
Ω to −2.0V
−1830 −1555
mV
−55˚C
V
OHC
Output HIGH Voltage
−1035
mV
0˚C to +125˚C
−1085
mV
−55˚C
V
IN = VIH(Max)
Loading with
(Notes 3, 4,
5)
V
OLC
Output LOW Voltage
−1610
mV
0˚C to +125˚C
or V
IL (Min)
50
Ω to −2.0V
−1555
mV
−55˚C
V
IH
Input HIGH Voltage
−1165
−870
mV
−55˚C to +125˚C
Guaranteed HIGH Signal
(Notes 3, 4,
5, 6)
for All Inputs
V
IL
Input LOW Voltage
−1830 −1475
mV
−55˚C to +125˚C
Guaranteed LOW Signal
(Notes 3, 4,
5, 6)
for All Inputs
I
IL
Input LOW Current
0.50
µA
−55˚C to +125˚C
V
EE = −4.2V
(Notes 3, 4,
5)
V
IN = VIH (Max)
I
IH
Input HIGH Current
240
µA
0˚C to +125˚C
V
EE = −5.7V
(Notes 3, 4,
5)
340
µA
−55˚C
V
IN = VIL(Min)
I
EE
Power Supply Current
−48
−17
mA
−55˚C to +125˚C
Inputs Open
(Notes 3, 4,
5, 6)
Note 3: F100K 300 Series cold temperature testing is performed by temperature soaking (to guarantee junction temperature equals −55˚C), then testing immediately
without allowing for the junction temperature to stabilize due to heat dissipation after power-up. This provides “cold start” specs which can be considered a worst case
condition at cold temperatures.
Note 4: Screen tested 100% on each device at −55˚C, +25˚C, and +125˚C, Subgroups 1, 2, 3, 7, and 8.
Note 5: Sample tested (Method 5005, Table I) on each manufactured lot at −55˚C, +25˚C, and +125˚C, Subgroups A1, 2, 3, 7, and 8.
Note 6: Guaranteed by applying specified input condition and testing VOH/VOL.
AC Electrical Characteristics
V
EE = −4.2V to −5.7V, VCC = VCCA = GND
Symbol
Parameter
T
C = −55˚C
T
C = +25˚C
T
C = +125˚C
Units
Conditions
Notes
Min
Max
Min
Max
Min
Max
t
PLH
Propagation Delay
0.30
1.80
0.40
1.50
0.40
1.70
ns
(Notes 7, 8,
9, 10, 11)
t
PHL
Data to Output
t
PLH
Propagation Delay
0.60
2.60
0.80
2.30
0.80
2.80
ns
Figures 1, 2
t
PHL
Enable to Output
t
TLH
Transition Time
0.30
1.20
0.30
1.20
0.30
1.20
ns
(Note 10)
t
THL
20% to 80%,80% to 20%
Note 7: F100K 300 Series cold temperature testing is performed by temperature soaking (to guarantee junction temperature equals −55˚C), then testing immediately
after power-up. This provides “cold start” specs which can be considered a worst case condition at cold temperatures.
3
www.national.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com