Electronic Components Datasheet Search
  English  ▼

X  

NTMFS4H01NF Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTMFS4H01NF
Description  Single N?묬hannel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4H01NF Datasheet(HTML) 2 Page - ON Semiconductor

  NTMFS4H01NF Datasheet HTML 1Page - ON Semiconductor NTMFS4H01NF Datasheet HTML 2Page - ON Semiconductor NTMFS4H01NF Datasheet HTML 3Page - ON Semiconductor NTMFS4H01NF Datasheet HTML 4Page - ON Semiconductor NTMFS4H01NF Datasheet HTML 5Page - ON Semiconductor NTMFS4H01NF Datasheet HTML 6Page - ON Semiconductor NTMFS4H01NF Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NTMFS4H01NF
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
25
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/
TJ
ID = 10 mA reference to 25°C
16
mV/
°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 20 V
TJ = 25°C
500
mA
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = +20 V
+100
nA
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
1.2
2.1
V
Negative Threshold Temperature Coefficient
VGS(TH)/TJ
ID = 10 mA reference to 25°C
3.7
mV/
°C
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V
ID = 30 A
0.56
0.7
m
W
VGS = 4.5 V
ID = 30 A
0.79
1
Forward Transconductance
gFS
VDS = 12 V, ID = 20 A
101
S
CHARGES, CAPACITANCES & GATE RESISTANCE
Input Capacitance
CISS
VGS = 0 V, f = 1 MHz, VDS = 12 V
5538
pF
Output Capacitance
COSS
3416
Reverse Transfer Capacitance
CRSS
175.3
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS = 12 V; ID = 30 A
37.8
nC
Threshold Gate Charge
QG(TH)
2.3
Gate−to−Source Charge
QGS
11.8
Gate−to−Drain Charge
QGD
8
Total Gate Charge
QG(TOT)
VGS = 10 V, VDS = 12 V; ID = 30 A
82
nC
Gate Resistance
RG
TA = 25°C
1.3
2
W
SWITCHING CHARACTERISTICS, VGS = 4.5 V (Note 5)
Turn−On Delay Time
td(ON)
VGS = 4.5 V, VDD = 12 V, ID = 15 A,
RG = 3.0 W
16.9
ns
Rise Time
tr
42.3
Turn−Off Delay Time
td(OFF)
46.3
Fall Time
tf
30.9
SWITCHING CHARACTERISTICS, VGS = 10 V (Note 5)
Turn−On Delay Time
td(ON)
VGS = 11.5 V, VDD = 12 V,
ID = 15 A, RG = 3.0 W
10.9
ns
Rise Time
tr
33.2
Turn−Off Delay Time
td(OFF)
58.3
Fall Time
tf
23.3
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 2.0 A
TJ = 25°C
0.35
0.6
V
TJ = 125°C
0.27
Reverse Recovery Time
tRR
VGS = 0 V, dIS/dt = 100 A/ms,
IS = 30 A
66.7
ns
Charge Time
ta
33.1
Discharge Time
tb
33.6
Reverse Recovery Charge
QRR
90
nC
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
5. Pulse Test: pulse width
v 300 ms, duty cycle v 2%.
6. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com