Electronic Components Datasheet Search
  English  ▼

X  

NTMFS4H02NF Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTMFS4H02NF
Description  Single N?묬hannel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4H02NF Datasheet(HTML) 3 Page - ON Semiconductor

  NTMFS4H02NF Datasheet HTML 1Page - ON Semiconductor NTMFS4H02NF Datasheet HTML 2Page - ON Semiconductor NTMFS4H02NF Datasheet HTML 3Page - ON Semiconductor NTMFS4H02NF Datasheet HTML 4Page - ON Semiconductor NTMFS4H02NF Datasheet HTML 5Page - ON Semiconductor NTMFS4H02NF Datasheet HTML 6Page - ON Semiconductor NTMFS4H02NF Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NTMFS4H02NF
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Unit
Max
Typ
Min
Test Condition
Symbol
PACKAGE PARASITIC VALUES
Source Inductance
LS
TA = 25°C
0.57
nH
Drain Inductance
LD
0.13
nH
Gate Inductance
LG
1.37
nH
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
5. Pulse Test: pulse width
v 300 ms, duty cycle v 2%.
6. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com