Electronic Components Datasheet Search
  English  ▼

X  

MBWW-KSG Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # MBWW-KSG
Description  Super high brightness surface mount LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

MBWW-KSG Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  MBWW-KSG Datasheet HTML 1Page - DOMINANT Semiconductors MBWW-KSG Datasheet HTML 2Page - DOMINANT Semiconductors MBWW-KSG Datasheet HTML 3Page - DOMINANT Semiconductors MBWW-KSG Datasheet HTML 4Page - DOMINANT Semiconductors MBWW-KSG Datasheet HTML 5Page - DOMINANT Semiconductors MBWW-KSG Datasheet HTML 6Page - DOMINANT Semiconductors MBWW-KSG Datasheet HTML 7Page - DOMINANT Semiconductors MBWW-KSG Datasheet HTML 8Page - DOMINANT Semiconductors MBWW-KSG Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
14/11/2013 V3.0
2
150 InGaN White: MBWW-KSG
Part Ordering
Number
Color
Viewing
Angle˚
Luminous Flux @ 150mA (lm)
NOTE
1. Luminous intensity is measured with an accuracy of ± 11%.
2. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel.
MBWW-KSG-7T6U-1
White
120
71.8
Electrical Characteristics at Tj=250C
Vf @ If = 150 mA
6.5
Forward Voltages are tested using a current pulse of 1 ms and has an accuracy of ± 0.1 V.
Part Number
Min. (V)
Typ. (V)
Max. (V)
MBWW-KSG
6.0
7.2
Unit
Absolute Maximum Ratings
Maximum Value
DC forward current
Peak pulse current
Reverse voltage
ESD threshold (HBM)
LED junction temperature
Operating temperature
Storage temperature
180
200
5
1000
150
-40 … +100
-40 … +100
mA
mA
V
V
˚C
˚C
˚C
Optical Characteristics at Tj=250C
Min.
Typ.
Max.
82.0
93.4
DOMINANT
Opto Technologies
Innovating Illumination
TM
Vr @ Ir = 10uA
Min. (V)
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com