Electronic Components Datasheet Search
  English  ▼

X  

NSW-FSG Datasheet(PDF) 8 Page - DOMINANT Semiconductors

Part # NSW-FSG
Description  Super high brightness surface mount LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

NSW-FSG Datasheet(HTML) 8 Page - DOMINANT Semiconductors

Back Button NSW-FSG Datasheet HTML 4Page - DOMINANT Semiconductors NSW-FSG Datasheet HTML 5Page - DOMINANT Semiconductors NSW-FSG Datasheet HTML 6Page - DOMINANT Semiconductors NSW-FSG Datasheet HTML 7Page - DOMINANT Semiconductors NSW-FSG Datasheet HTML 8Page - DOMINANT Semiconductors NSW-FSG Datasheet HTML 9Page - DOMINANT Semiconductors NSW-FSG Datasheet HTML 10Page - DOMINANT Semiconductors NSW-FSG Datasheet HTML 11Page - DOMINANT Semiconductors NSW-FSG Datasheet HTML 12Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
Recommended Solder Pad
150 InGaN White: NSW-FSG
DOMINANT
Opto Technologies
Innovating Illumination
TM
11/06/2013 V2.0
DOMINANT Opto Technologies
28/10/11
Primax5 150 InGaN White NSW-FSG -pv4
Page 6 of 10
PRELIMINARY
UNDER DEVELOPMENT
Engineering reference data are not verified. The specifications are subject to
change without notice.
1D
Cx
0.3130
0.3213
0.3221
0.3144
Cy
0.3290
0.3373
0.3261
0.3186
1U
Cx
0.3144
0.3221
0.3231
0.3161
Cy
0.3186
0.3261
0.3120
0.3059
2D
Cx
0.3290
0.3371
0.3366
0.3290
Cy
0.3417
0.3490
0.3369
0.3300
2U
Cx
0.3290
0.3366
0.3361
0.3290
Cy
0.3300
0.3369
0.3245
0.3180
3D
Cx
0.3451
0.3533
0.3515
0.3440
Cy
0.3554
0.3620
0.3487
0.3427
3U
Cx
0.3440
0.3515
0.3495
0.3429
Cy
0.3428
0.3487
0.3339
0.3307
Solder Pad Design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com