Electronic Components Datasheet Search
  English  ▼

X  

1SS351 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 1SS351
Description  Schottky Barrier Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1SS351 Datasheet(HTML) 3 Page - ON Semiconductor

  1SS351 Datasheet HTML 1Page - ON Semiconductor 1SS351 Datasheet HTML 2Page - ON Semiconductor 1SS351 Datasheet HTML 3Page - ON Semiconductor 1SS351 Datasheet HTML 4Page - ON Semiconductor 1SS351 Datasheet HTML 5Page - ON Semiconductor 1SS351 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1SS351
No.3240-3/6
IF -- VF
Forward Voltage, VF -- V
IR -- VR
Reverse Voltage, VR -- V
0.1
1.0
01
2
3
4
5
6
2
3
5
7
10
2
3
5
7
100
2
3
5
7
1000
2
3
5
7
ID00008
From top
Ta=100
°C
75
°C
50
°C
25
°C
0
°C
--25
°C
--50
°C
3
5
7
2
0.01
0.1
3
5
7
2
1.0
3
5
7
2
10
3
5
7
2
100
0.6
0.5
0.2
0.1
0
0.4
0.3
0.8
0.7
ID00007
From left side
Ta=100
°C
75
°C
50
°C
25
°C
0
°C
--25
°C
--50
°C
C -- VR
Reverse Voltage, VR -- V
3
2
2
5
7
0.1
1.0
0.1
1.0
34
6
8
9
25
7
3
5
24
ID00009
f=1MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com