Electronic Components Datasheet Search
  English  ▼

X  

BUD43B Datasheet(PDF) 2 Page - ON Semiconductor

Part # BUD43B
Description  NPN Silicon Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUD43B Datasheet(HTML) 2 Page - ON Semiconductor

  BUD43B Datasheet HTML 1Page - ON Semiconductor BUD43B Datasheet HTML 2Page - ON Semiconductor BUD43B Datasheet HTML 3Page - ON Semiconductor BUD43B Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BUD43B
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage
(IC = 100 mA, L = 25 mH)
VCEO(sus)
350
Vdc
Collector Cutoff Current
(VCE = Rated VCEO, IB = 0)
ICEO
100
μAdc
Collector Cutoff Current
@ TC = 25°C
(VCE = Rated VCES, VBE = 0)
@ TC =
125°C
ICES
10
200
μAdc
Emitter−Cutoff Current
(VEB = 9 Vdc, IC = 0)
IEBO
100
μAdc
ON CHARACTERISTICS
Base−Emitter Saturation Voltage
(IC = 2 Adc, IB = 0.5 Adc)
VBE(sat)
125
Vdc
Collector−Emitter Saturation Voltage
(IC = 2 Adc, IB = 0.5 Adc)
@ TC = 25°C
VCE(sat)
1
Vdc
DC Current Gain
(IC = 1 Adc, VCE = 2 Vdc)
@ TC = 25°C
(IC = 2 Adc, VCE = 5 Vdc)
@ TC = 25°C
hFE
8
6
DYNAMIC CHARACTERISTICS
Current Gain Bandwidth
(IC = 0.5 Adc, VCE = 10 Vdc, f = 1 MHz)
fT
13
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1 MHz)
Cob
40
pF
Input Capacitance
(VEB = 8 V)
Cib
400
pF
SWITCHING CHARACTERISTICS (Resistive Load) (D.C. ≤ 10%, Pulse Width = 20 μs)
Turn−on Time
(IC = 1.2 Adc, IB1 = 0.4 Adc,
IB2 = 0.1 Adc, VCC = 300 V)
@ TC = 25°C
toff
4.7
5.8
μs
Fall Time
(IC = 2.5 Adc, IB1 = 0.5 Adc,
IB2 = 0.5 Adc, VCC = 150 V)
@ TC = 25°C
tf
800
ns



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com