Electronic Components Datasheet Search
  English  ▼

X  

BUS50 Datasheet(PDF) 1 Page - ON Semiconductor

Part # BUS50
Description  NPN Silicon Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUS50 Datasheet(HTML) 1 Page - ON Semiconductor

  BUS50 Datasheet HTML 1Page - ON Semiconductor BUS50 Datasheet HTML 2Page - ON Semiconductor BUS50 Datasheet HTML 3Page - ON Semiconductor BUS50 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SWITCHMODEt Series
NPN Silicon Power Transistors
The BUS50 transistor is designed for low voltage, high–speed,
power switching in inductive circuits where fall time is critical. It is
particularly suited for battery SWITCHMODE applications such as:
• Switching Regulators
• Inverters
• Solenoid and Relay Drivers
• Motor Controls
• Fast Turn–Off Times
300 ns Inductive Fall Time –25
_C (Typ)
• Operating Temperature Range –65 to +200_C
MAXIMUM RATINGS
Rating
Symbol
BUS50
Unit
Collector–Emitter Voltage
VCEO(sus)
125
Vdc
Collector–Emitter Voltage
VCEV
200
Vdc
Emitter Base Voltage
VEB
7
Vdc
Collector Current — Continuous
— Peak (1)
— Overload
IC
ICM
IoI
70
140
Adc
Base Current — Continuous
— Peak (1)
IB
IBM
20
Adc
Total Power Dissipation — TC = 25°C
—TC = 100°C
Derate above 25
_C
PD
350
200
2
Watts
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
–65 to +200
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
RθJC
0.5
_C/W
Maximum Lead Temperature
for Soldering Purposes:
1/8
″ from Case for 5 Seconds
TL
275
_C
(1) Pulse Test: Pulse Width = 5 ms, Duty Cycle
x10%.
ON Semiconductort
© Semiconductor Components Industries, LLC, 2001
March, 2001 – Rev. 9
1
Publication Order Number:
BUS50/D
BUS50
70 AMPERES
NPN SILICON
POWER TRANSISTOR
125 VOLTS (BVCEO)
350 WATTS
200 V (BVCES)
CASE 197A–05
TO–204AE


Similar Part No. - BUS50

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS50 MOTOROLA-BUS50 Datasheet
115Kb / 4P
70 AMPERES NPN SILICON POWER TRANSISTOR 125 VOLTS (BVCEO) 350 WATTS 200 V (BVCES)
logo
Seme LAB
BUS50 SEME-LAB-BUS50 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3
logo
Inchange Semiconductor ...
BUS50 ISC-BUS50 Datasheet
182Kb / 2P
isc Silicon NPN Power Transistor
BUS50 ISC-BUS50 Datasheet
240Kb / 2P
isc Silicon NPN Power Transistor
logo
Power-One
BUS505 POWER-ONE-BUS505 Datasheet
104Kb / 2P
BUS DC/DC converters(3 WATT)
More results

Similar Description - BUS50

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com