Electronic Components Datasheet Search
  English  ▼

X  

MBRF1545CT Datasheet(PDF) 1 Page - ON Semiconductor

Part # MBRF1545CT
Description  Schottky Power Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRF1545CT Datasheet(HTML) 1 Page - ON Semiconductor

  MBRF1545CT Datasheet HTML 1Page - ON Semiconductor MBRF1545CT Datasheet HTML 2Page - ON Semiconductor MBRF1545CT Datasheet HTML 3Page - ON Semiconductor MBRF1545CT Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2006
September, 2006 − Rev. 2
1
Publication Order Number:
MBRF1545CT/D
MBRF1545CT
SWITCHMODE™
Schottky Power Rectifier
The SWITCHMODE Power Rectifier employs the Schottky Barrier
principle in a large area metal−to−silicon power diode.
State−of−the−art geometry features epitaxial construction with oxide
passivation and metal overlay contact. Ideally suited for use as
rectifiers in very low−voltage, high−frequency switching power
supplies, free wheeling diodes and polarity protection diodes.
• Highly Stable Oxide Passivated Junction
• Very Low Forward Voltage Drop
• Matched Dual Die Construction
• High Junction Temperature Capability
• High dv/dt Capability
• Excellent Ability to Withstand Reverse Avalanche Energy Transients
• Guardring for Stress Protection
• Epoxy Meets UL94, VO at 1/8″
• Electrically Isolated. No Isolation Hardware Required.
• UL Recognized File #E69369(1)
Mechanical Characteristics
• Case: Epoxy, Molded
• Weight: 1.9 grams (approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
• Lead Temperature for Soldering Purposes: 260°C Max. for 10
Seconds
• Shipped 50 units per plastic tube
• Marking: B1545
http://onsemi.com
SCHOTTKY BARRIER
RECTIFIER
15 AMPERES, 45 VOLTS
CASE 221D−02
ISOLATED TO−220
1
3
2
2
1
3


Similar Part No. - MBRF1545CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRF1545CT MOTOROLA-MBRF1545CT Datasheet
78Kb / 4P
SWITCHMODE??Schottky Power Rectifirers
logo
General Semiconductor
MBRF1545CT GE-MBRF1545CT Datasheet
118Kb / 2P
SCHOTTKY ISOLATED PLASTIC RECTIFIER
logo
Taiwan Semiconductor Co...
MBRF1545CT TSC-MBRF1545CT Datasheet
117Kb / 2P
Isolation 15.0 AMPS. Schottky Barrier Rectifiers
MBRF1545CT TSC-MBRF1545CT Datasheet
333Kb / 2P
Isolated 15.0 AMPS. Schottky Barrier Rectifiers
logo
Galaxy Semi-Conductor H...
MBRF1545CT BILIN-MBRF1545CT Datasheet
336Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBRF1545CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com