Electronic Components Datasheet Search
  English  ▼

X  

100322 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 100322
Description  Low Power 9-Bit Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

100322 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  100322 Datasheet HTML 1Page - National Semiconductor (TI) 100322 Datasheet HTML 2Page - National Semiconductor (TI) 100322 Datasheet HTML 3Page - National Semiconductor (TI) 100322 Datasheet HTML 4Page - National Semiconductor (TI) 100322 Datasheet HTML 5Page - National Semiconductor (TI) 100322 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
100322
Low Power 9-Bit Buffer
General Description
The 100322 is a monolithic 9-bit buffer. The device contains
nine non-inverting buffer gates with single input and output.
All inputs have 50 k
Ω pull-down resistors and all outputs are
buffered.
Features
n 30% power reduction of the 100122
n 2000V ESD protection
n Pin/function compatible with 100122
n Voltage compensated operating range = −4.2V to −5.7V
n Available to MIL-STD-883
Logic Symbol
Pin Names
Description
D
1,D9
Data Inputs
O
1,O9
Data Outputs
DS100308-1
August 1998
© 1998 National Semiconductor Corporation
DS100308
www.national.com


Similar Part No. - 100322

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100322 FAIRCHILD-100322 Datasheet
64Kb / 6P
Low Power 9-Bit Buffer
logo
PHOENIX CONTACT
1003222 PHOENIX-1003222 Datasheet
200Kb / 6P
UK 6 N GN - Feed-through terminal block
1003223 PHOENIX-1003223 Datasheet
186Kb / 5P
EMT (50X18,8)R GY - Insert label
1003224 PHOENIX-1003224 Datasheet
185Kb / 5P
EMT (50X18,8)R - Insert label
logo
Fairchild Semiconductor
100322PC FAIRCHILD-100322PC Datasheet
64Kb / 6P
Low Power 9-Bit Buffer
More results

Similar Description - 100322

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
F100322 NSC-F100322 Datasheet
184Kb / 6P
Low Power 9-Bit Buffer
logo
ON Semiconductor
MC10E122 ONSEMI-MC10E122 Datasheet
94Kb / 4P
9-BIT BUFFER
1996 REV 2
logo
Fairchild Semiconductor
100322 FAIRCHILD-100322 Datasheet
64Kb / 6P
Low Power 9-Bit Buffer
logo
Micrel Semiconductor
SY100S322 MICREL-SY100S322 Datasheet
94Kb / 5P
9-BIT BUFFER
SY10E122 MICREL-SY10E122 Datasheet
60Kb / 4P
9-BIT BUFFER
logo
National Semiconductor ...
F100122 NSC-F100122 Datasheet
90Kb / 3P
9-BIT BUFFER
logo
ON Semiconductor
MC10E122 ONSEMI-MC10E122_06 Datasheet
121Kb / 8P
5V ECL 9-Bit Buffer
November, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY10E122 MICREL-SY10E122_06 Datasheet
59Kb / 4P
9-BIT BUFFER
SY100S322 MICREL-SY100S322_06 Datasheet
83Kb / 6P
9-BIT BUFFER
SY100S322 MICREL-SY100S322_07 Datasheet
77Kb / 4P
9-BIT BUFFER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com