Electronic Components Datasheet Search
  English  ▼

X  

FSP015-RBMM Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

Part # FSP015-RBMM
Description  Interchangeable AC plugs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

FSP015-RBMM Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

  FSP015-RBMM Datasheet HTML 1Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIPTION
This series of AC /DC wall mount switching power supplies
are for 15 watts of continuous output power. They are
enclosed in a 94V-1 rated polyphenylene-oxide case with
four types of interchangeable AC plugs: European plug, UK
plug and North American plugs. All models meet EN55011
and FC C class B emission limits, and are designed for
medical application, not for life-supporting equipment.
FEATURES
Interchangeable AC plugs
High efficiency
Low ripple & noise
Over voltage protection
Short-circuit protection
100% burn-in at full rated load
Standby consumption less than 0.3 W
C ompliant with C EC and ENERGY STAR efficiency level V
requirements
C ompliant with RoHS requirements
W ATTAGE
Wattage:
15W
DIMENSION
Dimension:
78.3mm(L) x 51.8mm(W) x
34.5mm(H)
INPUT SPECIFICATION
Input Range:
90-264 Vdc
Input F requency :
47-63 Hz
Input Current:
0.5A(rms) for115VAC ,
0.3A(rms) for230VAC
Leakage Current:
100 µA max. @ 264 VAC ,63
Hz
SAFETY STANDARD APPAOVAL
OUTPUT SPECIFICATION
Ripple & Noise:
Maximum excursion of 4% or
better on all models,
recovering to 1% of final
value within 500 us after a
25% step load change
Ov er Current
Protection:
Protected to short circuit
conditions
ENVIRONMENTAL SPECIFICATION
TEMP.Range:
Operating Temperature:0°C to
+40°C
Storage Temperature: -20°C to +
85℃
OUTPUT ELECTRICAL
Single Output:
9 V/ 1.67 A
NOTES
1. FSP015-RxMM series are interchangeable AC plugs which are to be ordered separately. FSP015-RxDM-NP models are
with fixed North American AC plug, and FSP015-RxEM models with fixed European AC plug.
2. Ripple and noise is maximum peak to peak voltage value measured at output within 20 MHz bandwidth, at rated line
voltage and output load ranges, and with a 10 μF tantalum capacitor in parallel with a 0.1 μF ceramic capacitor across the
output.
T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il.
FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice
Medical PSU
FSP015-RBMM


Similar Part No. - FSP015-RBMM

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP015-RBDM-NP FSP-FSP015-RBDM-NP Datasheet
84Kb / 1P
Interchangeable AC plugs
More results

Similar Description - FSP015-RBMM

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP015-RADM-NP FSP-FSP015-RADM-NP Datasheet
83Kb / 1P
Interchangeable AC plugs
FSP015-RAMM FSP-FSP015-RAMM Datasheet
83Kb / 1P
Interchangeable AC plugs
FSP015-RBDM-NP FSP-FSP015-RBDM-NP Datasheet
84Kb / 1P
Interchangeable AC plugs
FSP015-RCDM-NP FSP-FSP015-RCDM-NP Datasheet
83Kb / 1P
Interchangeable AC plugs
FSP015-RFDM-NP FSP-FSP015-RFDM-NP Datasheet
83Kb / 1P
Interchangeable AC plugs
FSP015-RFMM FSP-FSP015-RFMM Datasheet
83Kb / 1P
Interchangeable AC plugs
FSP025-RAAM FSP-FSP025-RAAM Datasheet
133Kb / 1P
Interchangeable AC plugs
FSP030-RBAM FSP-FSP030-RBAM Datasheet
133Kb / 1P
Interchangeable AC plugs
FSP030-RCAM FSP-FSP030-RCAM Datasheet
133Kb / 1P
Interchangeable AC plugs
FSP030-RDAMF FSP-FSP030-RDAMF Datasheet
133Kb / 1P
Interchangeable AC plugs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com