Electronic Components Datasheet Search
  English  ▼

X  

FSP030-RCAM Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

Part # FSP030-RCAM
Description  Interchangeable AC plugs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

FSP030-RCAM Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

  FSP030-RCAM Datasheet HTML 1Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIPTION
This series of AC /DC switching power supplies are for 25-
30 watts of continuous output power. They are enclosed in
a 94V-1 rated polyphenylene-oxide casewith an inlet of the
IEC 320/C 14 to mate with interchangeable cord for world-
wide use. All models meet EN55011 and FC C class B
emission limits, and are designed for medical applications,
not for life-supporting equipment.
FEATURES
Interchangeable AC plugs
High efficiency
Low ripple & noise
Over voltage protection
Short-circuit protection
100% burn-in at full rated load
Standby consumption less than 0.3 W
C ompliant with C EC and ENERGY STAR efficiency level V
requirements
C ompliant with RoHS requirements
W ATTAGE
Wattage:
30W
DIMENSION
Dimension:
117.8mm(L) x 49.8mm(W) x
32.0mm(H)
INPUT SPECIFICATION
Input Range:
90-264 Vdc
Input F requency :
47-63 Hz
Input Current:
1.0A(rms) for115VAC ,
0.6A(rms) for230VAC
Leakage Current:
100 µA max. @ 264 VAC ,63
Hz
SAFETY STANDARD APPAOVAL
OUTPUT SPECIFICATION
Ripple & Noise:
Maximum excursion of 4% or
better on all models,
recovering to 1% of final
value within 500 us after a
25% step load change
Ov er Current
Protection:
All models protected to short-
circuit conditions
ENVIRONMENTAL SPECIFICATION
TEMP.Range:
Operating Temperature:0°C to
+40°C
Storage Temperature: -40°C to +
85℃
OUTPUT ELECTRICAL
Single Output:
12 V/ 2.5 A
NOTES
1. Ripple and noise is maximum peak to peak voltage value measured at output within 20 MHz bandwidth, at rated line
voltage and output load ranges, and with a 10 μF tantalum capacitor in parallel with a 0.1 μF ceramic capacitor across the
output.
MECHANICAL SPECIFICATION
T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il.
FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice
Medical PSU
FSP030-RCAM


Similar Part No. - FSP030-RCAM

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP030-RBAM FSP-FSP030-RBAM Datasheet
133Kb / 1P
Interchangeable AC plugs
FSP030-RDAMF FSP-FSP030-RDAMF Datasheet
133Kb / 1P
Interchangeable AC plugs
FSP030-REAM FSP-FSP030-REAM Datasheet
133Kb / 1P
Interchangeable AC plugs
FSP030-RFAM FSP-FSP030-RFAM Datasheet
133Kb / 1P
Interchangeable AC plugs
More results

Similar Description - FSP030-RCAM

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP015-RADM-NP FSP-FSP015-RADM-NP Datasheet
83Kb / 1P
Interchangeable AC plugs
FSP015-RAMM FSP-FSP015-RAMM Datasheet
83Kb / 1P
Interchangeable AC plugs
FSP015-RBDM-NP FSP-FSP015-RBDM-NP Datasheet
84Kb / 1P
Interchangeable AC plugs
FSP015-RBMM FSP-FSP015-RBMM Datasheet
84Kb / 1P
Interchangeable AC plugs
FSP015-RCDM-NP FSP-FSP015-RCDM-NP Datasheet
83Kb / 1P
Interchangeable AC plugs
FSP015-RFDM-NP FSP-FSP015-RFDM-NP Datasheet
83Kb / 1P
Interchangeable AC plugs
FSP015-RFMM FSP-FSP015-RFMM Datasheet
83Kb / 1P
Interchangeable AC plugs
FSP025-RAAM FSP-FSP025-RAAM Datasheet
133Kb / 1P
Interchangeable AC plugs
FSP030-RBAM FSP-FSP030-RBAM Datasheet
133Kb / 1P
Interchangeable AC plugs
FSP030-RDAMF FSP-FSP030-RDAMF Datasheet
133Kb / 1P
Interchangeable AC plugs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com