Electronic Components Datasheet Search
  English  ▼

X  

ARLP11-4100 Datasheet(PDF) 1 Page - Allied Components International

Part # ARLP11-4100
Description  10/100/1000 Gigabit for Ethernet and Networking Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

ARLP11-4100 Datasheet(HTML) 1 Page - Allied Components International

  ARLP11-4100 Datasheet HTML 1Page - Allied Components International ARLP11-4100 Datasheet HTML 2Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
REVISED 11/11/2015
All specifications subject to change without notice.
MECHANICAL
Single Port Low Profile RJ45
ARLP11-4100
10/100/1000 Gigabit for Ethernet and Networking Applications
Impedance: 100OHMS
Transmit open circuit inductance (OCL):
(OCL): 350uH (MIN) @100KHz,0.1VRMS with 8mA DC Bias
RJ45 jack cavity conforms to FCC rules and regulations
Storage temperature range: -40ºC to +85ºC
Standard operating temp: 0ºC to +70ºC
Optional Gold Plating Thickness Available
Part 68, SUB Part F
Electrical Specifications @ 25°C
Part
Number
OCL(uH Min)
@ 100KHz, 0.1V
Turns Ratio
chip: cable
(±5%)
DC Resistance
Insertion Loss
(dB Min)
With 8mA DC Bias
1-100MHz
ARLP11-4100
350
1CT:1CT
-1.2 Ω Max
-1.0
100-125MHz
-1.2
Electrical Specifications @ 25°C
Part
Number
Return Loss
(dB Min)
Cross Talk
(dB Min)
Isolation
PHY Side
40-60MHz 60-80MHz
ARLP11-4100
-12
-10
2250 VDC
1-40MHz
-16
1-100MHz
1-100MHz
-30
to Line Side
80-100MHz
-8
Common To Common Mode
-30
(dB Min)


Similar Part No. - ARLP11-4100

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
ARLP11-4169 ALLIED-ARLP11-4169 Datasheet
719Kb / 2P
1000 Base-T for Ethernet Applications
ARLP11-4178 ALLIED-ARLP11-4178 Datasheet
2Mb / 2P
10/100/1000 Gigabit for Ethernet and other Networking Applications
More results

Similar Description - ARLP11-4100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP1001LF ETC2-IP1001LF Datasheet
617Kb / 48P
Integrated 10/100/1000 Gigabit Ethernet Transceiver
logo
Allied Components Inter...
AR11-3906 ALLIED-AR11-3906 Datasheet
441Kb / 2P
10/100/1000 BaseT Gigabit for LAN and other Ethernet Applications
AR12-4245 ALLIED-AR12-4245 Datasheet
760Kb / 2P
10/100/1000 Base-T Gigabit LAN and other Ethernet Applications
AR14-3637I ALLIED-AR14-3637I Datasheet
4Mb / 2P
10/100/1000 Base-T Gigabit for Ethernet Application
AR14-3921I ALLIED-AR14-3921I Datasheet
4Mb / 2P
10/100/1000 Base-T Gigabit for Ethernet Application
AR21-4186 ALLIED-AR21-4186 Datasheet
1Mb / 2P
10/100/1000 Base-T Gigabit for Ethernet Applications
ARLP11-4178 ALLIED-ARLP11-4178 Datasheet
2Mb / 2P
10/100/1000 Gigabit for Ethernet and other Networking Applications
logo
Realtek Semiconductor C...
RTL8211B-GR REALTEK-RTL8211B-GR Datasheet
699Kb / 47P
INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR Datasheet
1Mb / 56P
INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR_09 Datasheet
1Mb / 56P
INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com