Electronic Components Datasheet Search
  English  ▼

X  

100325 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 100325
Description  Low Power Hex ECL-to-TTL Translator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

100325 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  100325 Datasheet HTML 1Page - National Semiconductor (TI) 100325 Datasheet HTML 2Page - National Semiconductor (TI) 100325 Datasheet HTML 3Page - National Semiconductor (TI) 100325 Datasheet HTML 4Page - National Semiconductor (TI) 100325 Datasheet HTML 5Page - National Semiconductor (TI) 100325 Datasheet HTML 6Page - National Semiconductor (TI) 100325 Datasheet HTML 7Page - National Semiconductor (TI) 100325 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
100325
Low Power Hex ECL-to-TTL Translator
General Description
The 100325 is a hex translator for converting F100K logic
levels to TTL logic levels. Differential inputs allow each circuit
to be used as an inverting, non-inverting or differential re-
ceiver. An internal reference voltage generator provides V
BB
for single-ended operation, or for use in Schmitt trigger appli-
cations. All inputs have 50 k
Ω pull-down resistors. When the
inputs are either unconnected or at the same potential the
outputs will go low.
When used in single-ended operation the apparent input
threshold of the true inputs is 20 mV to 40 mV higher (posi-
tive) than the threshold of the complementary inputs. The
V
EE and VTTL power may be applied in either order.
Features
n Pin/function compatible with 100125
n Meets 100125 AC specifications
n 50% power reduction of the 100125
n Differential inputs with built in offset
n Standard FAST® outputs
n 2000V ESD protection
n −4.2V to −5.7V operating range
n Available to Microcircuit Drawing
(SMD) 5962-9153101
Logic Diagram
Pin Names
Description
D
0–D5
Data Inputs
D
0–D5
Inverting Data Inputs
Q
0–Q5
Data Outputs
FAST® is a registered trademark of Fairchild Semiconductor.
DS100314-4
August 1998
© 1998 National Semiconductor Corporation
DS100314
www.national.com


Similar Part No. - 100325

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100325 FAIRCHILD-100325 Datasheet
87Kb / 9P
Low Power Hex ECL-to-TTL Translator
logo
Texas Instruments
100325 TI1-100325 Datasheet
163Kb / 8P
Low Power Hex ECL-to-TTL Translator
logo
Fairchild Semiconductor
100325PC FAIRCHILD-100325PC Datasheet
87Kb / 9P
Low Power Hex ECL-to-TTL Translator
100325QC FAIRCHILD-100325QC Datasheet
87Kb / 9P
Low Power Hex ECL-to-TTL Translator
100325QI FAIRCHILD-100325QI Datasheet
87Kb / 9P
Low Power Hex ECL-to-TTL Translator
More results

Similar Description - 100325

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100324 FAIRCHILD-100324 Datasheet
82Kb / 8P
Low Power Hex TTL-to-ECL Translator
logo
Micrel Semiconductor
SY100S324 MICREL-SY100S324 Datasheet
103Kb / 5P
LOW POWER HEX TTL-to-ECL TRANSLATOR
SY100S325 MICREL-SY100S325 Datasheet
100Kb / 5P
LOW-POWER HEX ECL-to-TTL TRANSLATOR
logo
National Semiconductor ...
F100324 NSC-F100324 Datasheet
152Kb / 5P
LOW POWER HEX TTL-TO-ECL TRANSLATOR
F100325 NSC-F100325 Datasheet
171Kb / 7P
Low Power Hex ECL-to-TTL Translator
logo
Micrel Semiconductor
SY100S324 MICREL-SY100S324_06 Datasheet
506Kb / 6P
LOW POWER HEX TTL-to-ECL TRANSLATOR
SY100S325 MICREL-SY100S325_06 Datasheet
503Kb / 6P
LOW-POWER HEX ECL-to-TTL TRANSLATOR
SY100S325 MICREL-SY100S325_07 Datasheet
68Kb / 5P
LOW-POWER HEX ECL-to-TTL TRANSLATOR
SY100S324 MICREL-SY100S324_07 Datasheet
86Kb / 5P
LOW POWER HEX TTL-to-ECL TRANSLATOR
logo
Texas Instruments
100325 TI1-100325 Datasheet
163Kb / 8P
Low Power Hex ECL-to-TTL Translator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com