Electronic Components Datasheet Search
  English  ▼

X  

HCB20 Datasheet(PDF) 1 Page - Allied Components International

Part # HCB20
Description  Surface mount EMI suppression components
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

HCB20 Datasheet(HTML) 1 Page - Allied Components International

  HCB20 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HCB20-110-RC
HCB20-320-RC
HCB20-500-RC
HCB20-800-RC
HCB20-101-RC
HCB20-121-RC
HCB20-221-RC
HCB20-301-RC
HCB20-331-RC
HCB20-391-RC
HCB30-600-RC
HCB30-900-RC
HCB40-500-RC
HCB40-600-RC
HCB40-800-RC
HCB40-900-RC
HCB50-700-RC
HCB50-900-RC
HCB40
Allied
Part
Number
Impedance (
Ω)
@ 100 MHz
+/- 25%
DC
Resistance
(
Ω) Max.
*Rated
Current
(mA)
11
32
50
80
100
120
220
300
330
390
60
90
50
60
80
90
70
90
.015
.015
0.02
.025
0.03
0.03
0.05
0.06
0.06
0.06
.025
.025
0.02
0.02
.025
0.01
0.03
0.03
6000
4000
4000
3000
2500
2500
2000
2000
2000
2000
4000
3000
6000
5000
4000
2000
6000
4000
HCB20
HCB30
High Current Beads
HCB20 thru HCB50
HCB20
HCB40
HCB50
HCB30
Electrical
Impedance Range:
7 to 1500Ω
Tolerance: 25% over entire range
Resistance to Solder Heat
Pre-Heat 150ºC, 1 minute
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 260±5ºC for 10sec ±1 sec.
Minimum of 75% of Electrode covered with new solder.
Test Equipment
Physical
Packaging: HCB20 - 3000 per 7 inch reel.
HCB30 - 2500 per 7 inch reel.
HCB40 - 2000 per 7 inch reel.
HCB50 - 1000 per 7 inch reel.
HCB20-401-RC
HCB20-501-RC
400
500
0.10
0.10
2000
2000
HCB40-151-RC
HCB40-471-RC
HCB40-102-RC
150
470
1000
0.10
0.10
0.10
2000
2000
2000
HCB50-125-RC
HCB50-181-RC
HCB50-132-RC
125
600
1300
0.03
0.10
0.06
4000
2000
3000
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
0.177±0.010
(4.50±0.25)
0.063±0.008
(1.60±0.20)
0.063±0.008
(1.60±0.20)
0.020±0.012
(0.51±0.30)
0.118
(3.00)
0.059
(1.50)
0.047
(1.19)
Dimensions:
Inches
(mm)
0.118
(3.00)
0.177±0.010
(4.50±0.25)
0.126±0.008
(3.20±0.20)
0.059±0.008
(1.50±0.20)
0.020±0.012
(0.51±0.30)
0.094
(2.39)
0.059
(1.50)
0.126±0.008
(3.20±0.20)
0.098±0.008
(2.49±0.20)
0.051±0.008
(1.30±0.20)
0.020±0.012
(0.51±0.30)
0.071
(1.80)
0.078
(1.98)
0.078
(1.98)
0.126±0.008
(3.20±2.03)
0.063±0.008
(1.60±0.20)
0.043±0.008
(1.09±0.20)
0.020±0.012
(0.51±0.30)
0.047
(1.19)
0.078
(1.98)
0.054
(1.37)
HCB20-070-RC
7
.015
6000
HCB20-080-RC
8
.015
6000
HCB20-190-RC
19
.015
6000
HCB20-300-RC
30
.015
4000
HCB20-260-RC
26
.015
6000
HCB20-310-RC
31
.015
4000
HCB20-480-RC
48
0.02
4000
HCB20-400-RC
40
.015
4000
HCB20-350-RC
35
.015
4000
HCB20-420-RC
42
.015
4000
HCB20-700-RC
70
0.02
4000
HCB20-600-RC
60
0.02
4000
HCB20-520-RC
52
0.02
4000
HCB20-680-RC
68
0.02
4000
HCB20-750-RC
75
.025
3000
HCB20-900-RC
90
0.03
3000
HCB20-151-RC
150
0.04
2000
HCB20-201-RC
200
0.05
2000
HCB20-601-RC
HCB20-102-RC
600
1000
0.10
0.15
2000
1200
HCB20-122-RC
HCB20-152-RC
1200
1500
0.18
0.20
1000
800
HCB40-190-RC
HCB40-400-RC
19
40
0.02
0.02
6000
6000
HCB40-700-RC
HCB40-750-RC
70
75
.025
.025
5000
5000
HCB40-101-RC
100
0.10
2000
HCB40-301-RC
300
0.10
2000
HCB40-191-RC
190
0.10
2000
HCB40-851-RC
850
0.10
2000
HCB40-601-RC
600
0.10
2000
HCB40-132-RC
1300
0.10
2000
HCB50-800-RC
80
0.03
4000
HCB50-121-RC
120
0.03
4000
HCB50-151-RC
150
0.03
4000
HCB50
All specifications subject to change without notice.
HCB50-601-RC
180
0.05
3000
REVISED 6/9/09
Marking: None
(Z): HP4291A RF Impedance/Material Analyzer
(RDC): Chen Hwa 502BC
Impedance within 30% of initial value.
Operating Temp: -55ºC ~ +125ºC
Rated Current: Based on temp rise not to exceed 30ºC
Rated current is derated as indicated below based on
operating temp.
Features
• Surface mount EMI suppression components
• Nickel barrier termination for excellent resistance to solder heat
• High current capacity
• Wide range of impedance values
• Multi layer technology
• Low DCR
• Flow and reflow soldering
Storage Temp: Under 25ºC at 40~60% Humidity


Similar Part No. - HCB20

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
HCB20-070-RC ALLIED-HCB20-070-RC Datasheet
829Kb / 1P
High Current Beads
HCB20-070-RC ALLIED-HCB20-070-RC Datasheet
386Kb / 1P
High Current Beads
HCB20-080-RC ALLIED-HCB20-080-RC Datasheet
829Kb / 1P
High Current Beads
HCB20-080-RC ALLIED-HCB20-080-RC Datasheet
386Kb / 1P
High Current Beads
HCB20-101-RC ALLIED-HCB20-101-RC Datasheet
829Kb / 1P
High Current Beads
More results

Similar Description - HCB20

ManufacturerPart #DatasheetDescription
logo
EPCOS
B81130 EPCOS-B81130 Datasheet
133Kb / 5P
EMI Suppression Capacitors
B3291 EPCOS-B3291 Datasheet
363Kb / 4P
EMI Suppression Capacitors
logo
Fair-Rite Products Corp...
2773015111 FAIR-RITE-2773015111 Datasheet
516Kb / 5P
Suppression Components
logo
Maxim Integrated Produc...
MAX8795AEVKIT MAXIM-MAX8795AEVKIT Datasheet
194Kb / 10P
Low-Profile Surface-Mount Components
Rev 0; 5/07
MAX8758EVKIT MAXIM-MAX8758EVKIT Datasheet
171Kb / 8P
Low-Profile, Surface-Mount Components
Rev 0; 11/05
MAX9880AEVKIT MAXIM-MAX9880AEVKIT Datasheet
5Mb / 37P
Surface-Mount Components
Rev 1; 5/11
MAX9515EVKIT MAXIM-MAX9515EVKIT Datasheet
82Kb / 6P
Surface-Mount Components
Rev 0; 2/08
MAX9507EVCMAXQU MAXIM-MAX9507EVCMAXQU Datasheet
168Kb / 6P
Surface-Mount Components
Rev 0; 5/07
MAX9390EVKIT MAXIM-MAX9390EVKIT Datasheet
257Kb / 10P
Surface-Mount Components
Rev 0; 2/08
MAX11500EVKIT MAXIM-MAX11500EVKIT Datasheet
130Kb / 6P
Surface-Mount Components
Rev 0; 8/07
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com