Electronic Components Datasheet Search
  English  ▼

X  

ST3311 Datasheet(PDF) 2 Page - AUK corp

Part # ST3311
Description  Photo Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

ST3311 Datasheet(HTML) 2 Page - AUK corp

  ST3311 Datasheet HTML 1Page - AUK corp ST3311 Datasheet HTML 2Page - AUK corp ST3311 Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KPT-0001-000
2
ST3311
Absolute maximum ratings
Characteristic
Symbol
Ratings
Unit
Collector-Emitter Voltage
VCEO
35
V
Emitter-Collector Voltage
VECO
6V
Collector Current
IC
20
mA
Collector Power Dissipation
PD
75
mW
Operating Temperature
Topr
-25~85
℃
Storage Temperature
Tstg
-30~100
℃
*1Soldering Temperature
Tsol
260℃ for 5 seconds
*1. Keep the distance more than 2.0mm from PCB to the bottom of LED package
Electrical Characteristics
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Current Dark Current
I
CEO
V
CEO=10V, Ee=0
-
0.05
0.5
uA
*3Light Current
I
CEL
V
CE=5V, Ee≒1mW/㎠
-4.5
-
mA
Current-Emitter Saturation Voltage
V
CE(sat)
I
C=0.5mA, Ee≒1mW/㎠
-0.2
-
V
Rise Time
t
r
2.5
Switching Time
Fall Time
t
f
V
CC=10V, IC=1mA
R
1=100Ω
-
3.8
-us
Spectral Sensitivity
λ
-
700 ~ 1000
nm
Peak Sensitivity Wavelength
λP
-
-
880
-
nm
Half angle
θ1/2
I
F= 20mA
-
±20
-
deg
*1. Tolerance = ±30%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com