Electronic Components Datasheet Search
  English  ▼

X  

EP3003 Datasheet(PDF) 10 Page - Eorex Corporation

Part # EP3003
Description  2-CH, 600mA Synchronous Step-down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP3003 Datasheet(HTML) 10 Page - Eorex Corporation

Back Button EP3003_15 Datasheet HTML 5Page - Eorex Corporation EP3003_15 Datasheet HTML 6Page - Eorex Corporation EP3003_15 Datasheet HTML 7Page - Eorex Corporation EP3003_15 Datasheet HTML 8Page - Eorex Corporation EP3003_15 Datasheet HTML 9Page - Eorex Corporation EP3003_15 Datasheet HTML 10Page - Eorex Corporation EP3003_15 Datasheet HTML 11Page - Eorex Corporation EP3003_15 Datasheet HTML 12Page - Eorex Corporation EP3003_15 Datasheet HTML 13Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
EP3003
Inductor Selection
For most designs, the EP3003 operates with inductors of 1µH to 4.7µH. Low inductance values are
physically smaller but require faster switching, which results in some efficiency loss. Large value
inductors lower ripple current and small value inductors result in high ripple currents. The inductor value
can be derived from the following equation:
()
OSC
L
IN
OUT
IN
OUT
f
I
V
V
V
V
L
×
∆
×
−
×
=
where
is inductor Ripple Current. Choose inductor ripple current approximately 35% of the
maximum load current 600mA, or 210mA.
L
I
∆
For output voltages above 2.0V, when light-load efficiency is important, the minimum recommended
inductor is 2.2µH. For optimum voltage-positioning load transients, choose an inductor with DC series
resistance in the 50mΩ to 150mΩ range. For higher efficiency at heavy loads (above 200mA), or minimal
load regulation (but some transient overshoot), the resistance should be kept below 100mΩ. The DC
current rating of the inductor should be at least equal to the maximum load current plus half the ripple
current to prevent core saturation (600mA+105mA). Table 1 lists some typical surface mount inductors
that meet target applications for the EP3003.
Part #
L (µH)
Max DCR (m.)
Rated D.C. Current (A)
Size WxLxH (mm)
Sumida
CR43
1.4
2.2
3.3
4.7
56.2
71.2
86.2
108.7
2.52
1.75
1.44
1.15
4.5x4.0x3.5
Sumida
CDRH4D18
1.5
2.2
3.3
4.7
75
110
162
1.32
1.04
0.84
4.7x4.7x2.0
Toko
D312C
1.5
2.2
3.3
4.7
120
140
180
240
1.29
1.14
0.98
0.79
3.6x3.6x1.2
Rev.03
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com