Electronic Components Datasheet Search
  English  ▼

X  

CS8442 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS8442
Description  Stepper Motor Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8442 Datasheet(HTML) 1 Page - ON Semiconductor

  CS8442 Datasheet HTML 1Page - ON Semiconductor CS8442 Datasheet HTML 2Page - ON Semiconductor CS8442 Datasheet HTML 3Page - ON Semiconductor CS8442 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Features
s
Buffered Speed Sensor
Output
s
No Cross-conduction in
either H-bridge
s
Guaranteed Monotonic
s
On Chip Flyback Diodes
s
Fault Protection
Overvoltage
Short Circuit Protection
Load Dump Protection
to 60V
Package Options
8 Lead PDIP
Stepper Motor Driver
with Buffered Speed Signal Output
1
Gnd
COILA+
COILA–
SENSOR
IN
VCC
COILB+
COILB–
SENSOR
OUT
Description
Block Diagram
Absolute Maximum Ratings
CS8442
December, 2001 - Rev. 2
ON Semiconductor
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885–3600 Fax: (401)885–5786
N. American Technical Support: 800-282-9855
Web Site: www.cherry–semi.com
The CS8442 is a stepper motor
driver that implements an H-
bridge design to drive two coils in
an eight step sequence each revo-
lution. Each H-bridge is capable of
delivering 85mA to the load.
The sequencer function insures
that the odometer is monotonic
and that cross-conduction of each
H bridges does not occur. Before
the beginning of each sequence,
both bridges are turned off. This
“dead zone” minimizes the fly
back energy generated in the
inductive loads. In addition, on
board clamp diodes across each
output protect the output drive
transistors from excessive fly back
voltages.
The CS8442 is fault protected
against reverse battery, short cir-
cuit, and over voltage conditions.
If a fault is detected, the IC shuts
down.
The buffered speed signal output
(SENSOR OUT) is an open collec-
tor NPN capable of driving a
4.7k
Ω load connected to a 5V sup-
ply. The signal is a buffered,
inverted version of the speed sen-
sor input voltage (SENSOR IN).
The input voltage can be either a
sine or square wave form.
Supply Voltage (VCC) (continuous) -40˚C to +105˚C ..................–0.5 to 24V
(100ms pulse transient) -40˚C to +105˚C ......................–0.5 to 60V
Input Voltage (VIN) ..............................................................–0.3 to VCC +0.3V
Storage Temperature Range (TSTG)......................................–65°C to +150°C
Junction Temperature.............................................................–40°C to +150°C
Speed Sensor Output .....................................................................................7V
ESD (Human Body Model) .........................................................................2kV
Lead Temperature Soldering
Wave Solder (through hole styles only) ........10 sec. max, 260°C peak
COILB-
SENSOR
IN
SENSOR
OUT
Coil
Driver
B
Coil
Driver
A
Overvoltage
and Short
Circuit
Protection
Sequencer
COILB+
COILA-
COILA+
Input
Comp.


Similar Part No. - CS8442

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8442 CHERRY-CS8442 Datasheet
132Kb / 4P
85mA Dual H-Bridge Odometer Driver with Buffered Speed Signal Output
CS8442XN8 CHERRY-CS8442XN8 Datasheet
132Kb / 4P
85mA Dual H-Bridge Odometer Driver with Buffered Speed Signal Output
More results

Similar Description - CS8442

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54640P MITSUBISHI-M54640P Datasheet
108Kb / 6P
STEPPER MOTOR DRIVER
logo
Motorola, Inc
SAA1042 MOTOROLA-SAA1042 Datasheet
100Kb / 6P
STEPPER MOTOR DRIVER
logo
STMicroelectronics
L6219 STMICROELECTRONICS-L6219 Datasheet
1Mb / 9P
STEPPER MOTOR DRIVER
Oct-2001
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
STEPPER MOTOR DRIVER
Oct-1991
UDN2916A STMICROELECTRONICS-UDN2916A Datasheet
128Kb / 8P
STEPPER MOTOR DRIVER
Nov-1991
logo
New Japan Radio
NJM37770 NJRC-NJM37770 Datasheet
152Kb / 10P
STEPPER MOTOR DRIVER
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
STEPPER MOTOR DRIVER
May-2005
logo
System Logic Semiconduc...
PBL3717A SLS-PBL3717A_03 Datasheet
826Kb / 11P
STEPPER MOTOR DRIVER
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
Stepper motor driver
22-Jun-2006
logo
ON Semiconductor
MC3479FN ONSEMI-MC3479FN Datasheet
100Kb / 10P
Stepper Motor Driver
June, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com