Electronic Components Datasheet Search
  English  ▼

X  

STJ828M Datasheet(PDF) 2 Page - AUK corp

Part # STJ828M
Description  P-Channel Enhancement-Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

STJ828M Datasheet(HTML) 2 Page - AUK corp

  STJ828M Datasheet HTML 1Page - AUK corp STJ828M Datasheet HTML 2Page - AUK corp STJ828M Datasheet HTML 3Page - AUK corp STJ828M Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KST-I016-000
2
STJ828M
Absolute maximum ratings
(Ta=25
°C)
Characteristic
Symbol
Ratings
Unit
Drain-Source voltage
VDS
-20
V
Gate-Source voltage
VGSS
±
7
V
DC Drain current
ID
-50
mA
Drain Power dissipation
PD
400
mW
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
-55~150
°C
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min. Typ. Max.
Unit
Drian-Source breakdown voltage
BVDSS
ID=-100µA, VGS=0
-20
V
Gate-Threshold voltage
Vth
ID=-0.1mA, VDS=-3V
-0.5
-1.5
V
Drain cut-off current
IDSS
VDS=-20V, VGS=0
-1
µA
Gate leakage current
IGSS
VGS=±7V, VDS=0
±
1
µA
Drain-Source on-resistance
RDS(ON)
VGS=-2.5V, ID=-10mA
40
Ω
Forward transfer admittance
|
Yfs|
VDS=-3V, ID=-10mA
15
mS
Input capacitance
Ciss
VDS=-3V, VGS=0, f=1MHz
10.4
pF
Output capacitance
Coss
VDS=-3V, VGS=0, f=1MHz
8.4
pF
Reverse Transfer capacitance
Crss
VDS=-3V, VGS=0, f=1MHz
2.8
pF
Turn-on time
tON
VDD=-3V, ID=-10mA
VGEN=0~-2.5V
0.15
㎲
Turn-off time
tOFF
VDD=-3V, ID=-10mA
VGEN=0~-2.5V
0.13
㎲
*. Switching Time Test Circuit
Ω
=



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com