Electronic Components Datasheet Search
  English  ▼

X  

AM2LS-NZ Datasheet(PDF) 3 Page - AIMTEC

Part # AM2LS-NZ
Description  Input / Output Isolation 1500 and 3000 VDC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2LS-NZ Datasheet(HTML) 3 Page - AIMTEC

  AM2LS-NZ Datasheet HTML 1Page - AIMTEC AM2LS-NZ Datasheet HTML 2Page - AIMTEC AM2LS-NZ Datasheet HTML 3Page - AIMTEC AM2LS-NZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series AM2LS-NZ
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.G
3 of 4
North America only
Pin Out Specifications
Dimensions
Recommended Circuits (EMI Class B)
Capacitor selection Table
Vout
C3
3.3 V
10 µF
5 V
10 µF
9 V
4.7 µF
12 V
2.2 µF
15 V
1 µF
24V
0.47 µF
Pin
Single
Output
1
- V Input
2
+ V Input
3
No Pin
4
.-V Output
5
+V Output
6
No Pin
7
No Pin
8
N.C.
8.30
(0.32)
Top View
Front View
Side View
1.45
(0.06)
12.70
(0.50)
0.60
(0.02)
2.54
(0.10)
1
7.62
(0.30)
11.20
(0.44)
2.0
(0.08)
5.00
(0.19)
0.25
(0.01)
8.3
(0.32)
0º~10º angle
0.88
(0.04)
Single Output Models
LDM
6.8µH
C1
4.7µF/
50V
C2
4.7µF/
50V
DC/DC
Converter
+V input
-V input
+V output
Load
-V output
CY
24V input only
C3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com