Electronic Components Datasheet Search
  English  ▼

X  

STK7000 Datasheet(PDF) 2 Page - AUK corp

Part # STK7000
Description  N-Channel Enhancement-Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

STK7000 Datasheet(HTML) 2 Page - AUK corp

  STK7000 Datasheet HTML 1Page - AUK corp STK7000 Datasheet HTML 2Page - AUK corp STK7000 Datasheet HTML 3Page - AUK corp STK7000 Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KST-9078-003
2
STK7000
Absolute maximum ratings
(Ta=25
°C)
Characteristic
Symbol
Ratings
Unit
Drain-Source voltage
V
DSS
60
V
Gate-Source voltage
V
GS
±20
V
Maximum Drain current
I
D
200
mA
Pulsed Drain Current
I
DM
500
mA
Power dissipation
P
D
400
mW
Maximum Junction-to-Ambient
R
thJA
312.5
°C/W
Operating Junction and
Storage temperature range
T
J , T stg
-55~150
°C
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Drian-Source breakdown voltage
BV
DSS
I
D=10µA, VGS =0
60
-
-
V
Gate-Threshold voltage
V
GS(th)
I
D=1mA, V DS=VGS
0.8
2.1
3.0
V
Zero Gate voltage drain current
I
DSS
V
DS =48V, VGS =0
-
-
1
µA
Gate-body leakage
I
GSS
V
DS =0V, VGS =±15V
-
-
±100
nA
On-state drain current *
I
D(on)
V
DS =10V, VGS =4.5V
75
350
-
mA
Drain-Source on-resistance *
R
DS(ON)
V
GS =4.5V, ID=0.075A
-
4.5
5.3
Ω
V
GS =10V, ID=0.5A
-
2.4
5.0
Ω
Drain-Source on-resistance *
R
DS(ON)
T
J=125℃
-
4.4
9.0
Ω
Forward transconductance *
g
fs
V
DS =10V, ID=0.2A
100
-
-
mS
Input capacitance
C
iss
V
DS =25V, VGS =0, f=1MHz
-
22
60
pF
Output capacitance
C
oss
V
DS =25V, VGS =0, f=1MHz
-
11
25
pF
Reverse Transfer capacitance
C
rss
V
DS =25V, VGS =0, f=1MHz
-
2
5
pF
Turn-on time
t
ON
V
DD=15V, ID=0.5A
V
GEN =10V, RG=25Ω
-
-
10
ns
Turn-off time
t
OFF
V
DD=15V, ID=0.5A
V
GEN =10V, RG=25Ω
-
-
10
ns
*. Pulse test : Pulse width≤300us, Duty cycle≤2.0%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com