Electronic Components Datasheet Search
  English  ▼

X  

LE25S20FD Datasheet(PDF) 3 Page - ON Semiconductor

Part # LE25S20FD
Description  Serial Flash Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S20FD Datasheet(HTML) 3 Page - ON Semiconductor

  LE25S20FD Datasheet HTML 1Page - ON Semiconductor LE25S20FD Datasheet HTML 2Page - ON Semiconductor LE25S20FD Datasheet HTML 3Page - ON Semiconductor LE25S20FD Datasheet HTML 4Page - ON Semiconductor LE25S20FD Datasheet HTML 5Page - ON Semiconductor LE25S20FD Datasheet HTML 6Page - ON Semiconductor LE25S20FD Datasheet HTML 7Page - ON Semiconductor LE25S20FD Datasheet HTML 8Page - ON Semiconductor LE25S20FD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LE25S20FD
www.onsemi.com
3
Figure 2 Block Diagram
Table 1 Pin Description
Symbol
Pin Name
Description
SCK
Serial clock
This pin controls the data input/output timing.
The input data and addresses are latched synchronized to the rising edge of the serial clock, and the data
is output synchronized to the falling edge of the serial clock.
SI
Serial data input
The data and addresses are input from this pin, and latched internally synchronized to the rising edge of
the serial clock.
SO
Serial data output
The data stored inside the device is output from this pin synchronized to the falling edge of the serial clock.
CS
Chip select
The device becomes active when the logic level of this pin is low; it is deselected and placed in standby
status when the logic level of the pin is high.
WP
Write protect
The status register write protect (SRWP) takes effect when the logic level of this pin is low.
HOLD
Hold
Serial communication is suspended when the logic level of this pin is low.
VDD
Power supply
This pin supplies the 1.65 to 1.95V supply voltage.
VSS
Ground
This pin supplies the 0V supply voltage.
2M Bit
Flash EEPROM
Cell Array
Y-DECODER
I/O BUFFERS
&
DATA LATCHES
CS
SCK
SI
HOLD
WP
SO
X-
DECODER
ADDRESS
BUFFERS
&
LATCHES
SERIAL INTERFACE
CONTROL
LOGIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com