Electronic Components Datasheet Search
  English  ▼

X  

LE25S20MB Datasheet(PDF) 2 Page - ON Semiconductor

Part # LE25S20MB
Description  Serial Flash Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S20MB Datasheet(HTML) 2 Page - ON Semiconductor

  LE25S20MB Datasheet HTML 1Page - ON Semiconductor LE25S20MB Datasheet HTML 2Page - ON Semiconductor LE25S20MB Datasheet HTML 3Page - ON Semiconductor LE25S20MB Datasheet HTML 4Page - ON Semiconductor LE25S20MB Datasheet HTML 5Page - ON Semiconductor LE25S20MB Datasheet HTML 6Page - ON Semiconductor LE25S20MB Datasheet HTML 7Page - ON Semiconductor LE25S20MB Datasheet HTML 8Page - ON Semiconductor LE25S20MB Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LE25S20MB
www.onsemi.com
2
Package Dimensions
unit : mm
Figure 1 Pin Assignments
SOIC-8 / SOP8K (200 mil)
CASE 751CV
ISSUE O
Top view
CS
SO
WP
VSS
VDD
HOLD
SCK
SI
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com