Electronic Components Datasheet Search
  English  ▼

X  

STS9014 Datasheet(PDF) 2 Page - AUK corp

Part # STS9014
Description  NPN Silicon Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

STS9014 Datasheet(HTML) 2 Page - AUK corp

  STS9014 Datasheet HTML 1Page - AUK corp STS9014 Datasheet HTML 2Page - AUK corp STS9014 Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KST-9017-000
2
STS9014
Absolute maximum ratings
(Ta=25
°°°°C)
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
60
V
Collector-Emitter voltage
VCEO
50
V
Emitter-Base voltage
VEBO
5V
Collector current
IC
150
mA
Emitter current
IE
-150
mA
Collector dissipation
PC
625
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~150
°C
Electrical Characteristics
(Ta=25
°°°°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector cut-off current
I
CBO
V
CB=50V, IE=0
-
-
50
nA
Emitter cut-off current
I
EBO
V
EB=5V, IC=0
-
-
100
nA
DC current gain
h
FE
*
V
CE=5V, IC=1mA
100
-
1000
-
Collector-Emitter saturation voltage
V
CE(sat)
I
C=100mA, IB=10mA
-
0.1
0.25
V
Transistion frequency
f
T
V
CE=10V, IC=1mA
60
-
-
MHz
Collector output capacitance
C
ob
V
CB=10V, IE=0, f=1MHz
-
2
3.5
pF
Noise figure
NF
V
CB=6V, IC=0.1mA,
f=1KHz, Rg=10K
Ω
--
10
dB
* : h
FE rank / B : 100 ~ 300, C : 200 ~ 600, D : 400 ~ 1000.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com