Electronic Components Datasheet Search
  English  ▼

X  

LE25S40FD Datasheet(PDF) 4 Page - ON Semiconductor

Part # LE25S40FD
Description  Serial Flash Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S40FD Datasheet(HTML) 4 Page - ON Semiconductor

  LE25S40FD Datasheet HTML 1Page - ON Semiconductor LE25S40FD Datasheet HTML 2Page - ON Semiconductor LE25S40FD Datasheet HTML 3Page - ON Semiconductor LE25S40FD Datasheet HTML 4Page - ON Semiconductor LE25S40FD Datasheet HTML 5Page - ON Semiconductor LE25S40FD Datasheet HTML 6Page - ON Semiconductor LE25S40FD Datasheet HTML 7Page - ON Semiconductor LE25S40FD Datasheet HTML 8Page - ON Semiconductor LE25S40FD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LE25S40FD
www.onsemi.com
4
Device Operation
The read, erase, program and other required functions of the device are executed through the command registers.
The serial I/O corrugate is shown in Figure 3 and the command list is shown in Table 2. At the falling CS edge the
device is selected, and serial input is enabled for the commands, addresses, etc. These inputs are normalized in 8 bit
units and taken into the device interior in synchronization with the rising edge of SCK, which causes the device to
execute operation according to the command that is input.
The LE25S40FD supports both serial interface SPI mode 0 and SPI mode 3. At the falling CS edge, SPI mode 0 is
automatically selected if the logic level of SCK is low, and SPI mode 3 is automatically selected if the logic level of
SCK is high.
Figure 3 I/O waveforms
Table 2 Command Settings
Command
1st bus cycle
2nd bus cycle
3rd bus cycle
4th bus cycle
5th bus cycle
6th bus cycle
Nth bus cycle
Read
03h
A23-A16
A15-A8
A7-A0
RD *1
RD *1
RD *1
0Bh
A23-A16
A15-A8
A7-A0
X
RD *1
RD *1
Small sector erase
20h / D7h
A23-A16
A15-A8
A7-A0
Sector erase
D8h
A23-A16
A15-A8
A7-A0
Chip erase
60h / C7h
Page program
02h
A23-A16
A15-A8
A7-A0
PD *2
PD *2
PD *2
Write enable
06h
Write disable
04h
Power down
B9h
Status register read
05h
Status register write
01h
DATA
JEDEC ID read
9Fh
ID read
ABh
X
X
X
power down
B9h
Exit power down mode
ABh
Explanatory notes for Table 2
"X" signifies "don't care" (that is to say, any value may be input).
The "h" following each code indicates that the number given is in hexadecimal notation.
Addresses A23 to A19 for all commands are "Don't care".
*1: "RD" stands for read data. *2: "PD" stands for page program data.
CS
SCK
SO
SI
High Impedance
DATA
DATA
1st bus
2nd bus
8CLK
Mode0
Mode3
Nth bus
MSB
(Bit7)
LSB
(Bit0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com