Electronic Components Datasheet Search
  English  ▼

X  

PCI30 Datasheet(PDF) 1 Page - Allied Components International

Part # PCI30
Description  Power Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCI30 Datasheet(HTML) 1 Page - Allied Components International

  PCI30 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Chip Inductors
PCI30
All specifications subject to change without notice.
Features
• Low Profile
• Designed with high heat resistant
• Wrap around terminals for excellent
solder quality and inspection
• Flat top for pick and place assembly
• Non-standard values available
Electrical
Inductance Range: 1.0µh to 1000
µh.
Tolerance:
± 20% over the entire
inductance range.
Test Frequency:
Inductance measured
at 100KHz, 0.1 V
rms. After soldering, push
Operating Temp. Range: i
-40° to +125ºC
ll
Saturation Rated Current:
when the inductance becomes 10% lower
Physical
Marking:
EIA Inductance Code
Packaging: 1000 pieces
per 13 inch reel.
PCI30-1R0M-RC
PCI30-4R7M-RC
PCI30-6R8M-RC
PCI30-8R2M-RC
PCI30-100M-RC
PCI30-150M-RC
PCI30-220M-RC
PCI30-330M-RC
PCI30-470M-RC
PCI30-680M-RC
PCI30-101M-RC
PCI30-151M-RC
PCI30-221M-RC
Allied
Part
Number
Inductance
(
µh)
1.0
4.7
6.8
8.2
10
15
22
33
47
68
100
150
220
0.024
0.036
0.060
0.080
0.110
0.120
0.180
0.250
0.320
0.540
0.690
0.940
1.600
Isat
(A)
DCR
Max.
(
Ω)
5.15
4.20
3.90
2.42
2.40
2.30
1.80
1.60
1.30
1.10
0.87
0.74
0.56
T
olerance
(%)
20
20
20
20
20
20
20
20
20
20
20
20
20
RoHS
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
0.510
(12.95)
Max
0.300
(7.62)
0.370
(9.40)
Max
0.100
(2.54)
0.100
(2.54)
0.118
(3.00)
Max
0.290
(7.37)
0.109
(2.79)
0.114
(2.92)
Dimensions:
Inches
(mm)
materials for reflow operation
REVISED 10/08/2015
PCI30-331M-RC
330
2.150
0.50
20
PCI30-471M-RC
470
3.300
0.40
20
PCI30-681M-RC
680
4.400
0.33
20
PCI30-821M-RC
820
5.800
0.15
20
PCI30-102M-RC
1000
8.400
0.10
20
Max.
The current
than its initial value. (Ta=25ºC)


Similar Part No. - PCI30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCI350 ETC1-PCI350 Datasheet
135Kb / 5P
350 Watt CompactPCI Power Supply
PCI350-4801NL ETC1-PCI350-4801NL Datasheet
135Kb / 5P
350 Watt CompactPCI Power Supply
PCI350-4801NN ETC1-PCI350-4801NN Datasheet
135Kb / 5P
350 Watt CompactPCI Power Supply
PCI350-4801NS ETC1-PCI350-4801NS Datasheet
135Kb / 5P
350 Watt CompactPCI Power Supply
PCI350-4801NT ETC1-PCI350-4801NT Datasheet
135Kb / 5P
350 Watt CompactPCI Power Supply
More results

Similar Description - PCI30

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LPC4045AT KOA-LPC4045AT Datasheet
79Kb / 4P
Power Chip Inductors
logo
Allied Components Inter...
PC0301-2R2M-RC ALLIED-PC0301-2R2M-RC Datasheet
384Kb / 1P
Power Chip Inductors
PC0501-1R0M-RC ALLIED-PC0501-1R0M-RC Datasheet
385Kb / 1P
Power Chip Inductors
PC1307-1R5M-RC ALLIED-PC1307-1R5M-RC Datasheet
409Kb / 1P
Power Chip Inductors
PC03011-1R0M-RC ALLIED-PC03011-1R0M-RC Datasheet
355Kb / 1P
Power Chip Inductors
PC0703-4R7M-RC ALLIED-PC0703-4R7M-RC_10 Datasheet
338Kb / 1P
Power Chip Inductors
PC0703 ALLIED-PC0703 Datasheet
338Kb / 1P
Power Chip Inductors
PC03015 ALLIED-PC03015 Datasheet
336Kb / 1P
Power Chip Inductors
PCI20 ALLIED-PCI20 Datasheet
838Kb / 1P
Power Chip Inductors
PCI40 ALLIED-PCI40 Datasheet
726Kb / 1P
Power Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com