Electronic Components Datasheet Search
  English  ▼

X  

100371 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 100371
Description  Low Power Triple 4-Input Multiplexer with Enable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

100371 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  100371 Datasheet HTML 1Page - National Semiconductor (TI) 100371 Datasheet HTML 2Page - National Semiconductor (TI) 100371 Datasheet HTML 3Page - National Semiconductor (TI) 100371 Datasheet HTML 4Page - National Semiconductor (TI) 100371 Datasheet HTML 5Page - National Semiconductor (TI) 100371 Datasheet HTML 6Page - National Semiconductor (TI) 100371 Datasheet HTML 7Page - National Semiconductor (TI) 100371 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
100371
Low Power Triple 4-Input Multiplexer with Enable
General Description
The 100371 contains three 4-input multiplexers which share
a common decoder (inputs S
0 and S1). Output buffer gates
provide true and complement outputs. A HIGH on the Enable
input (E) forces all true outputs LOW (see Truth Table). All in-
puts have 50 k
Ω pull-down resistors.
Features
n 35% power reduction of the 100171
n 2000V ESD protection
n Pin/function compatible with 100171
n Voltage compensated operating range = −4.2V to −5.7V
n Available to MIL-STD-883
Logic Symbol
Pin Names
Description
I
0x–I3x
Data Inputs
S
0,S1
Select Inputs
E
Enable Input (Active LOW)
Z
a–Zc
Data Outputs
Z
a–Zc
Complementary Data Outputs
DS100975-1
September 1998
© 1998 National Semiconductor Corporation
DS100975
www.national.com


Similar Part No. - 100371

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100371 FAIRCHILD-100371 Datasheet
87Kb / 8P
Low Power Triple 4-Input Multiplexer with Enable
logo
Weidmuller
1003710000 WEIDMULLER-1003710000 Datasheet
370Kb / 5P
SL-SMT 3.50/21/135F 3.2SN BK BX
logo
Fairchild Semiconductor
100371PC FAIRCHILD-100371PC Datasheet
87Kb / 8P
Low Power Triple 4-Input Multiplexer with Enable
100371SC FAIRCHILD-100371SC Datasheet
87Kb / 8P
Low Power Triple 4-Input Multiplexer with Enable
More results

Similar Description - 100371

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
F100371 NSC-F100371 Datasheet
224Kb / 10P
Low Power Triple 4-Input Multiplexer with Enable
logo
ON Semiconductor
SN74LS153 ONSEMI-SN74LS153 Datasheet
74Kb / 8P
Dual 4-Input Multiplexer LOW POWER SCHOTTKY
October, 2001 ??Rev. 7
logo
Fairchild Semiconductor
100371 FAIRCHILD-100371 Datasheet
87Kb / 8P
Low Power Triple 4-Input Multiplexer with Enable
logo
Micrel Semiconductor
SY100S371 MICREL-SY100S371 Datasheet
104Kb / 6P
TRIPLE 4-INPUT MULTIPLEXER WITH ENABLE
logo
Motorola, Inc
MC10H423 MOTOROLA-MC10H423 Datasheet
86Kb / 2P
TRIPLE-3 INPUT BUS DRIVER WITH ENABLE
logo
National Semiconductor ...
F100171 NSC-F100171 Datasheet
122Kb / 5P
TRIPLE 4 - INPUT MULTIPLEXER WITH ENABLE
logo
Micrel Semiconductor
SY100S371 MICREL-SY100S371_06 Datasheet
92Kb / 7P
TRIPLE 4-INPUT MULTIPLEXER WITH ENABLE
SY100S371 MICREL-SY100S371_07 Datasheet
69Kb / 4P
TRIPLE 4-INPUT MULTIPLEXER WITH ENABLE
logo
NXP Semiconductors
NX3L4357 PHILIPS-NX3L4357_15 Datasheet
304Kb / 21P
Low-ohmic single-pole triple-throw analog switch with enable input
Rev. 5-18 June 2012
logo
uPI Group Inc.
UP7537 UPI-UP7537 Datasheet
218Kb / 14P
Dual-Input Triple-Output Power Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com