Electronic Components Datasheet Search
  English  ▼

X  

PCS1087 Datasheet(PDF) 1 Page - Allied Components International

Part # PCS1087
Description  Power Choke Shielded
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCS1087 Datasheet(HTML) 1 Page - Allied Components International

  PCS1087 Datasheet HTML 1Page - Allied Components International PCS1087 Datasheet HTML 2Page - Allied Components International PCS1087 Datasheet HTML 3Page - Allied Components International PCS1087 Datasheet HTML 4Page - Allied Components International PCS1087 Datasheet HTML 5Page - Allied Components International PCS1087 Datasheet HTML 6Page - Allied Components International PCS1087 Datasheet HTML 7Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Power Choke Shielded
PCS1087
15
Isat-1
Isat-2
Allied
Part
Number
Inductance
( nh)
Tolerance
(%)
PCS1087-R12K-RC
PCS1087-R17K-RC
PCS1087-R22K-RC
120
170
220
10
10
10
.29±6
.29±6
.29±6
96
66
50
80
50
40
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
PCS1087-R30K-RC
300
10
.29±6
35
25
All specifications subject to change without notice.
09/19/2014
Irms
(A)
56
56
56
56
PCS1087-R15K-RC
150
10
.29±6
76
60
56
PCS1087-R27K-RC
270
10
.29±6
40
30
56
Features
• SMD Power Chip Inductor/Power Bead
• Expanding operating temp range
Electrical
Inductance Range: 120nH to 300nH
Tolerance: 10%
Operating Temp: -40ºC ~ +125ºC
Test Equipment
(L): WK4237 or equivalent
Pre-Heat 150ºC, 1 minute.
Physical
Packaging: 700 pieces per 13 inch reel.
• High saturation current up to 90A
Resistance to Soldering Heat
Solder Composition:
Sn/Ag3.0/Cu0.5
Solder Temp: 260ºC ± 5ºC
(RDC):
CH502B or equivalent
Marking:
EIA Inductance Code
Test Frequency: 100KHz, 1.0Vdc
• Low DCR resistance
• Suitable for pick and place
rise will not exceed 40ºC.
Immersion Time: 10 sec. ± 1 sec.
Irms: Current at which the temperature
Isat: Current at which the Inductance will
drop by no more than 20% from initial
value at the stated temperature.
(IDC):
WK3260B / WK3265B
RDC
(A)
(A)
(mΩ)
DCR measured at these points
@25ºC
@125ºC
Dimensions:
Inches
(mm)
.406±.008
(10.2±0.2)
.100±.02
(2.54±0.5)
.087±.02
(2.2±0.5)
Schematic
R12
XXXX
PCB Layout
S
F
S
F


Similar Part No. - PCS1087

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS1014-100T-RC ALLIED-PCS1014-100T-RC Datasheet
332Kb / 1P
Power Chip Shielded Inductors
PCS1014-150T-RC ALLIED-PCS1014-150T-RC Datasheet
332Kb / 1P
Power Chip Shielded Inductors
PCS1014-220T-RC ALLIED-PCS1014-220T-RC Datasheet
332Kb / 1P
Power Chip Shielded Inductors
PCS1014-2R2T-RC ALLIED-PCS1014-2R2T-RC Datasheet
332Kb / 1P
Power Chip Shielded Inductors
PCS1014-2R7T-RC ALLIED-PCS1014-2R7T-RC Datasheet
332Kb / 1P
Power Chip Shielded Inductors
More results

Similar Description - PCS1087

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSH1260ER FRONTIER-CSH1260ER Datasheet
132Kb / 1P
SMD Power Choke (Shielded)
CSN0410H FRONTIER-CSN0410H Datasheet
158Kb / 2P
SMD Power Choke (Shielded)
logo
API Delevan
SDS130R API-SDS130R Datasheet
1Mb / 1P
Surface Mount Shielded Power Choke
SDS680R API-SDS680R Datasheet
1Mb / 1P
Surface Mount Shielded Power Choke
SDS850R API-SDS850R Datasheet
1Mb / 1P
Surface Mount Shielded Power Choke
logo
KOA Speer Electronics, ...
SDR0805TTEB100M KOA-SDR0805TTEB100M Datasheet
226Kb / 3P
shielded power choke coil inductor
logo
Allied Components Inter...
PCSFW189 ALLIED-PCSFW189 Datasheet
1Mb / 1P
Shielded Power Choke Flat Wire
PCXA402 ALLIED-PCXA402 Datasheet
1Mb / 3P
Shielded High Current Power Choke
PCXA503 ALLIED-PCXA503 Datasheet
1Mb / 3P
Shielded High Current Power Choke
PCXA603 ALLIED-PCXA603 Datasheet
1Mb / 3P
Shielded High Current Power Choke
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com