Electronic Components Datasheet Search
  English  ▼

X  

SUT486J Datasheet(PDF) 2 Page - AUK corp

Part # SUT486J
Description  Epitaxial Planar type NPN Silicon Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SUT486J Datasheet(HTML) 2 Page - AUK corp

  SUT486J Datasheet HTML 1Page - AUK corp SUT486J Datasheet HTML 2Page - AUK corp SUT486J Datasheet HTML 3Page - AUK corp SUT486J Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KST-6004-004
2
SUT486J
Absolute maximum ratings (Tr1, Tr2 : NPN)
Ta=25
°C
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
60
V
Collector-Emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
150
mA
Collector dissipation
PC
150
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
-55~150
°C
Electrical Characteristics(Tr1,Tr2 : NPN)
Ta=25
°C
Characteristic
Symbol
Test Condition
Min. Typ. Max.
Unit
Collector-Base breakdown voltage
BVCBO
IC=100µA, IE=0
60
-
-
V
Collector-Emitter breakdown voltage
BVCEO
IC=1mA, IB=0
50
-
-
V
Emitter-Base breakdown voltage
BVEBO
IE=10µA, IC=0
5
-
-
V
Collector cut-off current
ICBO
VCB=60V, IE=0
-
-
0.1
µA
Emitter cut-off current
IEBO
VEB=5V, IC=0
-
-
0.1
µA
DC current gain
hFE
VCE=6V, IC=2mA
70
-
700
-
Collector-Emitter saturation voltage
VCE(sat)
IC=100mA, IB=10mA
-
-
0.25
V
Transition frequency
fT
VCE=10V, IC=1mA,
f=100MHz
80
-
-
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
2
3.5
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com