Electronic Components Datasheet Search
  English  ▼

X  

11C90 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 11C90
Description  650 MHz Prescalers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

11C90 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button 11C90 Datasheet HTML 2Page - National Semiconductor (TI) 11C90 Datasheet HTML 3Page - National Semiconductor (TI) 11C90 Datasheet HTML 4Page - National Semiconductor (TI) 11C90 Datasheet HTML 5Page - National Semiconductor (TI) 11C90 Datasheet HTML 6Page - National Semiconductor (TI) 11C90 Datasheet HTML 7Page - National Semiconductor (TI) 11C90 Datasheet HTML 8Page - National Semiconductor (TI) 11C90 Datasheet HTML 9Page - National Semiconductor (TI) 11C90 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Functional Description
The 11C90 contains four ECL Flip-Flops an ECL to TTL
converter and a Schottky TTL output buffer with an active
pull-up Three of the Flip-Flops operate as a synchronous
shift counter driving the fourth Flip-Flop operating as an
asynchronous toggle The internal feedback logic is such
that the TTL output and the Q ECL output are HIGH for six
clock periods and LOW for five clock periods The Mode
Control (M) inputs can modify the feedback to make the
output HIGH for five clock periods and LOW for five clock
periods as indicated in the Count Sequence Table
The feedback logic is such that the instant the output goes
HIGH the circuit is already committed as to whether the
output period will be 10 or 11 clock periods long This
means that subsequent changes in an M input signal in-
cluding decoding spikes will have no effect on the current
output period The only timing restriction for an M input sig-
nal is that it be in the desired state at least a setup time
before the clock that follows the HHLL state shown in the
table The allowable propagation delay through external log-
ic to an M input is maximized by designing it to use the
positive transition of the 11C90 output as its active edge
This gives an allowable delay of ten clock periods minus
the CP to Q delay of the 11C90 and the M to CP setup time
If the external logic uses the negative output transition as its
active edge the allowable delay is reduced to five clock
periods minus the previously mentioned delay and setup
time
Capacitively coupled triggering is simplified by the 400X re-
sistor which connects pin 15 to the internal VBB reference
By connecting this to the CP input as shown in
Figure 3 the
clock is automatically centered about the input threshold A
clock duty cycle of 50% provides the fastest operation
since the Flip-Flops are Master-Slave types with offset clock
thresholds between master and slave This feature ensures
that the circuit will operate with clock waveforms having
very slow rise and fall times and thus there is no maximum
frequency restriction Recommended minimum and maxi-
mum clock amplitude as a function of a frequency and tem-
perature are shown in the graph labeled
Figure 2 When the
CP or any other input is driven from another ECL circuit
normal ECL termination methods are recommended One
method is indicated in
Figure 4 Other ECL termination
methods are discussed in the F100K ECL Design Guide
(Section 5 of Databook)
TLF9892 – 5
FIGURE 2 AC Coupled Triggering Characteristics
TLF9892 – 10
FIGURE 3 Capacitively Coupled Clocking
TLF9892 – 11
ZOX
50
75
100
R1X
806
121
162
R2X
130
196
261
VEE eb52V VCC e 0V VTT eb20V
FIGURE 4 Clocking by ECL Source via Terminated Line
When an M input is to be driven from a TTL output operating
from the same VCC and ground (VEE) the internal 2 kX
resistor can be used to pull the TTL output up as shown in
Figure 5 Some types of TTL outputs will only pull up to
within two diode drops of VCC which is not high enough for
11C90 inputs The resistor will pull the signal up through the
threshold region although this final rise may be somewhat
slow depending on wiring capacitance A resistor network
that gives faster rise and also lower impedance is shown in
Figure 6
TLF9892 – 12
FIGURE 5 Using Internal Pull-Up with TTL Source
TLF9892 – 13
FIGURE 6 Faster Low Impedance TTL to ECL Interface
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com