Electronic Components Datasheet Search
  English  ▼

X  

11C91 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 11C91
Description  650 MHz Prescalers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

11C91 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  11C91 Datasheet HTML 1Page - National Semiconductor (TI) 11C91 Datasheet HTML 2Page - National Semiconductor (TI) 11C91 Datasheet HTML 3Page - National Semiconductor (TI) 11C91 Datasheet HTML 4Page - National Semiconductor (TI) 11C91 Datasheet HTML 5Page - National Semiconductor (TI) 11C91 Datasheet HTML 6Page - National Semiconductor (TI) 11C91 Datasheet HTML 7Page - National Semiconductor (TI) 11C91 Datasheet HTML 8Page - National Semiconductor (TI) 11C91 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLF9892
Not Intended For New Designs
August 1992
11C9011C91
650 MHz Prescalers
General Description
The 11C90 and 11C91 are high-speed prescalers designed
specifically for communication and instrumentation applica-
tions All discussions and examples in this data sheet are
applicable to the 11C91 as well as the 11C90
The 11C90 will divide by 10 or 11 and the 11C91 by 5 or 6
both over a frequency range from DC to typically 650 MHz
The division ratio is controlled by the Mode Control The
divide-by-10 or -11 capability allows the use of pulse swal-
lowing techniques to control high-speed counting modulos
by lower-speed circuits The 11C90 may be used with either
ECL or TTL power supplies
In addition to the ECL outputs Q and Q the 11C90 contains
an ECL-to-TTL converter and a TTL output The TTL output
operates from the same VCC and VEE levels as the counter
but a separate pin is used for the TTL circuit VEE This mini-
mizes noise coupling when the TTL output switches and
also allows power consumption to be reduced by leaving
the separate VEE pin open if the TTL output is not used
To facilitate capacitive coupling of the clock signal a 400X
resistor (VREF) is connected internally to the VBB reference
Connecting this resistor to the Clock Pulse input (CP) auto-
matically centers the input about the switching threshold
Maximum frequency operation is achieved with a 50% duty
cycle
Each of the Mode Control inputs is connected to an internal
2kX resistor with the other end uncommitted (RM1 and
RM2) An M input can be driven from a TTL circuit operating
from the same VCC by connecting the free end of the asso-
ciated 2 kX resistor to VCCA When an M input is driven
from the ECL circuit the 2 kX resistor can be left open or if
required can be connected to VEE to act as a pull-down
resistor
Logic Symbol
TLF9892 – 2
Pin Names
Description
CE
Count Enable Input (Active LOW)
CP
Clock Pulse Input
Mn
Count Modulus Control Input
MS
Asynchronous Master Set Input
Q Q
ECL Outputs
QTTL
TTL Output
RMn
2kX Resistor to Mn
VREF
400X Resistor to VBB
Connection Diagram
16-Pin DIP
TLF9892 – 1
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - 11C91

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
11C01 FAIRCHILD-11C01 Datasheet
119Kb / 3P
Dual 5-4 Input OR/NOR Gate
logo
Elma Electronic Ltd
11C04AD248Y2HC3X ELMA-11C04AD248Y2HC3X Datasheet
636Kb / 2P
Type 11C, 4U - 19” Rackmount
logo
National Semiconductor ...
11C06 NSC-11C06 Datasheet
117Kb / 6P
750 MHz D-Type Flip-Flop
11C06DCQR NSC-11C06DCQR Datasheet
117Kb / 6P
750 MHz D-Type Flip-Flop
11C06FCQR NSC-11C06FCQR Datasheet
117Kb / 6P
750 MHz D-Type Flip-Flop
More results

Similar Description - 11C91

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8673 NSC-DS8673 Datasheet
97Kb / 4P
Low Power VHF/UHF Prescalers
logo
fujitsu semiconductor
MB501L FUJITSU-MB501L Datasheet
237Kb / 12P
TWO MODULUS PRESCALERS
logo
National Semiconductor ...
DS8627 NSC-DS8627 Datasheet
92Kb / 4P
130/225 MHz Low Power Prescalers
logo
Zarlink Semiconductor I...
ZL40800 ZARLINK-ZL40800 Datasheet
419Kb / 12P
6 GHz Fixed Modulus Prescalers
logo
Cypress Semiconductor
CYW2330 CYPRESS-CYW2330 Datasheet
228Kb / 13P
Dual Serial Input PLL with 2.5-GHz and 600-MHz Prescalers
CYW2331 CYPRESS-CYW2331 Datasheet
259Kb / 12P
Dual Serial Input PLL with 2.0-GHz and 600-MHz Prescalers
logo
NEC
UPB553AC NEC-UPB553AC Datasheet
201Kb / 4P
150 MHz DIVIDE-BY-16/17 LOW POWER PRESCALERS
logo
Skyworks Solutions Inc.
DD02-999 SKYWORKS-DD02-999_06 Datasheet
525Kb / 6P
650 MHz-3 GHz Directional Detector
logo
M/A-COM Technology Solu...
MAFL-010608 MA-COM-MAFL-010608 Datasheet
760Kb / 6P
MoCA BPF 650-875 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1873A TAI-SAW-TA1873A Datasheet
238Kb / 7P
SAW Filter 650 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com