Electronic Components Datasheet Search
  English  ▼

X  

C1502 Datasheet(PDF) 1 Page - Powerbox

Part # C1502
Description  Overvoltage protection with auto restart
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

C1502 Datasheet(HTML) 1 Page - Powerbox

  C1502 Datasheet HTML 1Page - Powerbox C1502 Datasheet HTML 2Page - Powerbox C1502 Datasheet HTML 3Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Powering Progress – www.powerbox.com.au
Doc. No. PBC9 Rev.C 28-4-11
FEATURES
•
DC input 10 - 380 V
•
AC input 1 or 3-phase, 47 - 400 Hz
•
DC output 5-400V
•
Continuous short circuit protection
•
Overvoltage protection with auto restart
•
Industrial grade components
•
Compact and robust design
C1500 Series
400-600 W A TTS AC/DC-DC/DC-BA TTER Y CHARGERS SINGLE OUTPUT
400 W
500 W
600 W
INPUT VDC
OUTPUT VDC
10 –16
VDC
OUTPUT
AMPS
18 – 36
VDC
OUTPUT
AMPS
36 – 75
VDC
45 – 90
VDC
80 –160
VDC
160 – 320
VDC
320 – 380
VDC
OUTPUT
AMPS
ADJ.
RANGE
C 1500
40
C 1520
60
C 1530
C 1540
C 1550
C 1570
C 1580 Z
80
5
4.5 – 5.5
C 1501
25
C 1521
38
C 1531
C 1541
C 1551
C 1571
C 1581 Z
50
9
8 – 10
C 1502
24
C 1522
33
C 1532
C 1542
C 1552
C 1572
C 1582 Z
42
12
11 – 13
C 1503
20
C 1523
25
C 1533
C 1543
C 1553
C 1573
C 1583 Z
34
15
14 – 16
C 1504
15
C 1524
18
C 1534
C 1544
C 1554
C 1574
C 1584 Z
23
24
23 – 26
C 1505
13
C 1525
15
C 1535
C 1545
C 1555
C 1575
C 1585 Z
20
28
26 – 30
C 1509
7
C 1529
8
C 1539
C 1549
C 1559
C 1579
C 1589 Z
11
48
45 – 55
C 1506
5.5
C 1526
6.5
C 1536
C 1546
C 1556
C 1576
C 1586 Z
9
60
58 – 68
C 1507
3
C 1527
3.3
C 1537
C 1547
C 1557
C 1577
C 1587 Z
4.5
110
100 – 130
C 1507 J
2
C 1527 J
2.5
C 1537 J
C 1547 J
C 1557 J
C 1577 J
C 1587 ZJ
3
200
190 – 200
C 1508
1.4
C 1528
1.6
C 1538
C 1548
C 1558
C 1578
C 1588 Z
2.4
220
200 – 250
C 1508 J
1
C 1528 J
1.3
C 1538 J
C 1548 J
C 1558 J
C 1578 J
C 1588 ZJ
1.5
400
380 – 400
DC/DC CONVERTERS
AC/DC POWER SUPPLIES
BATTERY CHARGERS
600 W
INPUT VAC, 1-PHASE
INPUT VAC,
3-PHASE
OUTPUT
AMPS
OUTPUT VDC
115 ±
20%
230 +
15%
– 20%
115 ± 20%
230 + 15%
– 20%
3X200 + 15%
– 20%
NOM.
BATTERY
VOLTAGE
RANGE
B 1561
B 1581
B 1591
B 1561 V
34
12
12 – 16
B 1562
B 1582
B 1592
B 1562 V
18
24
24 – 32
B 1564
B 1584
B 1594
B 1564 V
9
48
48 – 64
B 1566
B 1586
B 1596
B 1566 V
7.5
60
60 – 80
B 1567
B 1587
B 1597
B 1567 V
4
110
110 – 145
B 1568
B 1588
B 1598
B 1568 V
2
220
220 – 290
600 W
INPUT VAC, 1-PHASE
INPUT VAC,
3-PHASE
OUTPUT
AMPS
OUTPUT VDC
115 ± 20%
230 + 15%
– 20%
115 ± 20%
230 + 15%
– 20%
3X200 + 15%
– 20%
ADJ.
RANGE
C 1560
C 1580
C 1590
C 1560 V
80
5
4.5 – 5.5
C 1561
C 1581
C 1591
C 1561 V
50
9
8 – 10
C 1562
C 1582
C 1592
C 1562 V
42
12
11 – 13
C 1563
C 1583
C 1593
C 1563 V
34
15
14 – 16
C 1564
C 1584
C 1594
C 1564 V
23
24
23 – 26
C 1565
C 1585
C 1595
C 1565 V
20
28
26 – 30
C 1569
C 1589
C 1599
C 1569 V
11
48
45 – 55
C 1566
C 1586
C 1596
C 1566 V
9
60
58 – 68
C 1567
C 1587
C 1597
C 1567 V
4.5
110 100 – 130
C 1567 J
C 1587 J
C 1597 J
C 1567 VJ
3
200 190 – 200
C 1568
C 1588
C 1598
C 1568 V
2.4
220 200 – 250
C 1568 J
C 1588 J
C 1598 J
C 1568 VJ
1.5
400 380 – 400


Similar Part No. - C1502

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
C15020 YENYO-C15020 Datasheet
713Kb / 2P
Auto Rectifier
logo
Cree, Inc
C15021 CREE-C15021 Datasheet
4Mb / 72P
Strada series
logo
Ledil, Inc.
C15021 LEDIL-C15021 Datasheet
5Mb / 92P
Strada Lens
C15028 LEDIL-C15028 Datasheet
980Kb / 11P
Florentina Pack
C15028 LEDIL-C15028 Datasheet
816Kb / 9P
Florentina Pack
More results

Similar Description - C1502

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1004KL-04W-B40-B00 ETC2-1004KL-04W-B40-B00 Datasheet
353Kb / 2P
Auto Restart/Polarity Protection
2410ML-04W-B30-E00 ETC2-2410ML-04W-B30-E00 Datasheet
363Kb / 1P
Auto Restart/Polarity Protection
3610KL-05W-B50-D00 ETC2-3610KL-05W-B50-D00 Datasheet
315Kb / 1P
Auto Restart/Polarity Protection
logo
Powerbox
C2500 POWERBOX-C2500 Datasheet
200Kb / 3P
Overvoltage protection with auto restart
C3500 POWERBOX-C3500 Datasheet
180Kb / 3P
Overvoltage protection with auto restart
C3800 POWERBOX-C3800 Datasheet
1Mb / 2P
Overvoltage protection with auto restart
logo
STMicroelectronics
STEVAL-ILL069V1 STMICROELECTRONICS-STEVAL-ILL069V1 Datasheet
271Kb / 5P
Short circuit protection with auto restart
02-Jul-2015
STEVAL-ILL069V2 STMICROELECTRONICS-STEVAL-ILL069V2 Datasheet
295Kb / 5P
Short circuit protection with auto restart
15-Sep-2016
STEVAL-ILL076V1 STMICROELECTRONICS-STEVAL-ILL076V1 Datasheet
235Kb / 4P
Short-circuit protection with auto restart
18-Sep-2015
STEVAL-ILL076V2 STMICROELECTRONICS-STEVAL-ILL076V2 Datasheet
335Kb / 7P
Short circuit protection with auto restart
13-Sep-2016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com