Electronic Components Datasheet Search
  English  ▼

X  

C3521 Datasheet(PDF) 3 Page - Powerbox

Part # C3521
Description  Overvoltage protection with auto restart
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

C3521 Datasheet(HTML) 3 Page - Powerbox

  C3521 Datasheet HTML 1Page - Powerbox C3521 Datasheet HTML 2Page - Powerbox C3521 Datasheet HTML 3Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Doc. No. PBC9 Rev.C 28-4-11
ENVIRONMENT
Option “t” (tropical protection):The unit is given additional protection by a heavy
coat of varnish on the printed circuit board(s) and components.
Option “c” (extended temperature range):The circuit is designed and tested for
operation at an ambient temperature as low as –40 °C.
Option “ms” (increased mechanical strength): Screws are secured by Locktite and
heavy components are fastened by ties and/or glue. Modules with the “ms” option
meet the standard EN61373 regarding shock and vibration.
MECHANICS
Standard mounting “Eurocassette” pluggable module for 19” sub-racks 84TE
Option “w” (wall mounting): Module is screwed against a mounting plate for
installation in a cabinet. The load connections are typically a terminal block.
Option “cha” (chassis mount) Module is designed for installation to a structure or
within cabinet. Screw type connectors are supplied with the module.
Option “din” (DIN rail mount) Module is designed for DIN rail mounting to a
structure or within Cabinet. Screw type connectors are supplied with the module.
PROGRAMMING / MONITORING- SERIES 6400
Programming of output voltage
and current from 0-100%
including isolation
By external signal, 0-10Vdc
e1
By external signal, 4-20mA
e2
Programming of output voltage
from 0-100%
By 270° potentiometer
eu3
By 10 turn potentiometer
eu4
Programming of output current
from 0-100%
By 270° potentiometer
ei3
By 10 turn potentiometer
ei4
Monitoring of output voltage
and current from 0-100%
including isolation
By external signal, 0-10Vdc
m1
By external signal, 4-20mA
m2
Remote on/off programming
and monitoring of output
voltage and current from
0-100% including isolation
By external signal, 0-10Vdc
em1
By external signal, 4-20mA
em2
Via RS232 and IEEE488
em3
Improved tolerance
Between reference (external
signal) and measured value /
between measured value and
displayed signal: voltage 0.2%
and current 0.5%.
tol
Euro Series
EURO OPTION SPECIFICA TIONS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com