Electronic Components Datasheet Search
  English  ▼

X  

C2526 Datasheet(PDF) 1 Page - Powerbox

Part # C2526
Description  Overvoltage protection with auto restart
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

C2526 Datasheet(HTML) 1 Page - Powerbox

  C2526 Datasheet HTML 1Page - Powerbox C2526 Datasheet HTML 2Page - Powerbox C2526 Datasheet HTML 3Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Powering Progress – www.powerbox.com.au
Doc. No. PBC9 Rev.C 28-4-11
C2500 Series
3 0 0 - 4 0 0 W A T T S A C / D C - D C / D C - B A T T E R Y C H A R G E R S S I N G L E O U T P U T
FEATURES
• DC input 18 V - 380 V
• AC input 1 or 3-phase, 47 - 400 Hz
• DC output 5-290V
• Continuous short circuit protection
• Overvoltage protection with auto restart
• Industrial grade components
• Compact and robust design
300W
400W
INPUTVDC
OUTPUTVDC
18 –36
VDC
OUTPUT
AMPS
36 – 75
VDC
45 – 90
VDC
80 –160
VDC
160 – 320
VDC
320 – 380 1)
VDC
OUTPUT
AMPS
ADJ.
RANGE
C 2520
45
C 2530
C 2540
C 2550
C 2570
C 2580 Z
55
5
4.5 – 5.5
C 2521
27
C 2531
C 2541
C 2551
C 2571
C 2581 Z
32
9
8 – 10
C 2522
23
C 2532
C 2542
C 2552
C 2572
C 2582 Z
27
12
11 – 13
C 2523
20
C 2533
C 2543
C 2553
C 2573
C 2583 Z
23
15
14 – 16
C 2524
13
C 2534
C 2544
C 2554
C 2574
C 2584 Z
15
24
23 – 26
C 2525
11
C 2535
C 2545
C 2555
C 2575
C 2585 Z
13
28
26 – 30
C 2529
6
C 2539
C 2549
C 2559
C 2579
C 2589 Z
7.2
48
45 – 55
C 2526
5
C 2536
C 2546
C 2556
C 2576
C 2586 Z
6
60
58 – 68
C 2527
2.5
C 2537
C 2547
C 2557
C 2577
C 2587 Z
3
110
100 – 130
C 2528
1.3
C 2538
C 2548
C 2558
C 2578
C 2588 Z
1.6
220
200 – 250
AC/DC POWER SUPPLIES
400W
INPUTVAC,1-PHASE
INPUTVAC,
3-PHASE
OUTPUT
AMPS
OUTPUTVDC
115 ± 20% 230 + 15%
– 20%
115 ± 20%
230 + 15%
– 20%
3X200 +15%
–20%
ADJ.
RANGE
C 2560
C 2580
C 2590
C 2560 V
55
5
4.5 – 5.5
C 2561
C 2581
C 2591
C 2561 V
32
9
8 – 10
C 2562
C 2582
C 2592
C 2562 V
27
12
11 – 13
C 2563
C 2583
C 2593
C 2563 V
23
15
14 – 16
C 2564
C 2584
C 2594
C 2564 V
15
24
23 – 26
C 2565
C 2585
C 2595
C 2565 V
13
28
26 – 30
C 2569
C 2589
C 2599
C 2569 V
7.2
48
45 – 55
C 2566
C 2586
C 2596
C 2566 V
6
60
58 – 68
C 2567
C 2587
C 2597
C 2567 V
3
110 100 – 130
C 2568
C 2588
C 2598
C 2568 V
1.6
220 200 – 250
BATTERY CHARGERS
400W
INPUTVAC,1-PHASE
INPUTVAC,
3-PHASE
OUTPUT
AMPS
OUTPUTVDC
115 ±
20%
230 +
15%
– 20%
115 ± 20%
230 + 15%
– 20%
3X200 +15%
–20%
NOM.
BATTERY
VOLTAGE
RANGE
B 2561 B 2581
B 2591
B 2561 V
23
12
12 – 16
B 2562 B 2582
B 2592
B 2562 V
13
24
24 – 32
B 2564 B 2584
B 2594
B 2564 V
6.2
48
48 – 64
B 2566 B 2586
B 2596
B 2566 V
5.1
60
60 – 80
B 2567 B 2587
B 2597
B 2567 V
2.8
110
110 – 145
B 2568 B 2588
B 2598
B 2568 V
1.4
220
220 – 290
DC/DC CONVERTERS


Similar Part No. - C2526

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C2526A GENERAL-C2526A Datasheet
73Kb / 1P
COMMUNICATION CABLE
More results

Similar Description - C2526

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1004KL-04W-B40-B00 ETC2-1004KL-04W-B40-B00 Datasheet
353Kb / 2P
Auto Restart/Polarity Protection
2410ML-04W-B30-E00 ETC2-2410ML-04W-B30-E00 Datasheet
363Kb / 1P
Auto Restart/Polarity Protection
3610KL-05W-B50-D00 ETC2-3610KL-05W-B50-D00 Datasheet
315Kb / 1P
Auto Restart/Polarity Protection
logo
Powerbox
C1500 POWERBOX-C1500 Datasheet
87Kb / 3P
Overvoltage protection with auto restart
C3500 POWERBOX-C3500 Datasheet
180Kb / 3P
Overvoltage protection with auto restart
C3800 POWERBOX-C3800 Datasheet
1Mb / 2P
Overvoltage protection with auto restart
logo
STMicroelectronics
STEVAL-ILL069V1 STMICROELECTRONICS-STEVAL-ILL069V1 Datasheet
271Kb / 5P
Short circuit protection with auto restart
02-Jul-2015
STEVAL-ILL069V2 STMICROELECTRONICS-STEVAL-ILL069V2 Datasheet
295Kb / 5P
Short circuit protection with auto restart
15-Sep-2016
STEVAL-ILL076V1 STMICROELECTRONICS-STEVAL-ILL076V1 Datasheet
235Kb / 4P
Short-circuit protection with auto restart
18-Sep-2015
STEVAL-ILL076V2 STMICROELECTRONICS-STEVAL-ILL076V2 Datasheet
335Kb / 7P
Short circuit protection with auto restart
13-Sep-2016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com