Electronic Components Datasheet Search
  English  ▼

X  

MA000419476 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # MA000419476
Description  Material Content Data Sheet
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MA000419476 Datasheet(HTML) 1 Page - Infineon Technologies AG

  MA000419476 Datasheet HTML 1Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.
2.
3.
Material Content Data Sheet
Sales Product Name
BTS441TS
Issued
29. August 2013
MA#
MA000419476
Package
PG-TO220-5-12
Weight*
2157.54 mg
Construction Element
Material Group
Substances
CAS#
if applicable
Weight
[mg]
Average
Mass
[%]
Sum
[%]
Average
Mass
[ppm]
Sum
[ppm]
chip
inorganic material
silicon
7440-21-3
8.276
0.38
0.38
3836
3836
leadframe
non noble metal
iron
7439-89-6
0.923
0.04
428
inorganic material
phosphorus
7723-14-0
0.277
0.01
128
non noble metal
copper
7440-50-8
921.567
42.71
42.76
427137
427693
wire
non noble metal
aluminium
7429-90-5
3.524
0.16
0.16
1633
1633
encapsulation
organic material
carbon black
1333-86-4
1.199
0.06
556
plastics
epoxy resin
-
55.165
2.56
25568
inorganic material
silicondioxide
60676-86-0
543.252
25.18
27.80
251792
277916
leadfinish
non noble metal
tin
7440-31-5
24.181
1.12
1.12
11208
11208
plating
inorganic material
phosphorus
7723-14-0
0.008
0.00
4
non noble metal
nickel
7440-02-0
3.285
0.15
0.15
1522
1526
solder
noble metal
silver
7440-22-4
0.141
0.01
66
non noble metal
tin
7440-31-5
0.113
0.01
52
non noble metal
lead
7439-92-1
5.398
0.25
0.27
2502
2620
heatspreader
inorganic material
phosphorus
7723-14-0
0.177
0.01
82
non noble metal
iron
7439-89-6
0.590
0.03
274
non noble metal
copper
7440-50-8
589.466
27.32
27.36
273212
273568
*deviation
< 10%
Sum in total:
100,00
1000000
Important Remarks:
Infineon Technologies AG provides full material declaration based on information provided by third parties and
has taken and continues to take reasonable steps to provide representative and accurate information.
Infineon Technologies AG and Infineon Technologies AG suppliers consider certain information to be
proprietary, and thus CAS numbers and other limited information may not be available for release.
All statements are based on our present knowledge, are provided 'as is' and may be subject to change at any
time due to technical requirements and development without notification.
Company
Infineon Technologies AG
Address
81726 München
Internet
www.infineon.com


Similar Part No. - MA000419476

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
MA000419480 INFINEON-MA000419480 Datasheet
29Kb / 1P
Material Content Data Sheet
29. August 2013
More results

Similar Description - MA000419476

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
MA000851438 INFINEON-MA000851438 Datasheet
24Kb / 1P
Material Content Data Sheet
29. August 2013
MA000859868 INFINEON-MA000859868 Datasheet
28Kb / 1P
Material Content Data Sheet
28. August 2013
MA000870990 INFINEON-MA000870990 Datasheet
29Kb / 1P
Material Content Data Sheet
29. August 2013
MA000979032 INFINEON-MA000979032 Datasheet
28Kb / 1P
Material Content Data Sheet
29. August 2013
MA000990710 INFINEON-MA000990710 Datasheet
29Kb / 1P
Material Content Data Sheet
29. August 2013
MA001056742 INFINEON-MA001056742 Datasheet
29Kb / 1P
Material Content Data Sheet
29. August 2013
MA001082472 INFINEON-MA001082472 Datasheet
29Kb / 1P
Material Content Data Sheet
29. August 2013
MA001095596 INFINEON-MA001095596 Datasheet
29Kb / 1P
Material Content Data Sheet
28. August 2013
MA001114474 INFINEON-MA001114474 Datasheet
29Kb / 1P
Material Content Data Sheet
29. August 2013
MA001145362 INFINEON-MA001145362 Datasheet
29Kb / 1P
Material Content Data Sheet
29. August 2013
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com