Electronic Components Datasheet Search
  English  ▼

X  

C4802 Datasheet(PDF) 1 Page - Powerbox

Part # C4802
Description  AC input 1 or 3-phase, 47 - 400 Hz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

C4802 Datasheet(HTML) 1 Page - Powerbox

  C4802 Datasheet HTML 1Page - Powerbox C4802 Datasheet HTML 2Page - Powerbox C4802 Datasheet HTML 3Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Powering Progress – www.powerbox.com.au
Doc. No. PBC9 Rev.C 28-4-11
C4800 Series
2 4 0 0 - 5 0 0 0 A C / D C - D C / D C - B A T T E R Y C H A R G E R S S I N G L E O U T P U T
FEATURES
• DC input 10 - 800 V
• AC input 1 or 3-phase, 47 - 400 Hz
• DC output 12-400V
• Continuous short circuit protection
• Overvoltage protection with auto restart
• Thermal shutdown with auto restart
• Industrial grade components
• Compact and robust design
DC/DC CONVERTERS
AC/DC POWER SUPPLIES
2400W
3500W
5000W
INPUTVDC
OUTPUTVDC
10 –16
VDC
OUTPUT
AMPS
20–32
VDC
OUTPUT
AMPS
40–64
VDC
50 – 80
VDC
OUTPUT
AMPS
80 –160
VDC
160 – 320
VDC
320–380
VDC
320–640
VDC
450–800
VDC
OUTPUT
AMPS
ADJ.
RANGE
C 4802
136
C 4822
190
C 4832 C 4842
240
C 4852
C 4872
C 4882 Z
C 4872 G
C 4872 K
260
12
11 – 13
C 4803
116
C 4823
160
C 4833 C 4843
200
C 4853
C 4873
C 4883 Z
C 4873 G
C 4873 K
220
15
14 – 16
C 4804
92
C 4824
120
C 4834 C 4844
150
C 4854
C 4874
C 4884 Z
C 4874 G
C 4874 K
160
24
23 – 26
C 4805
80
C 4825
100
C 4835 C 4845
130
C 4855
C 4875
C 4885 Z
C 4875 G
C 4875 K
140
28
26 – 30
C 4809
44
C 4829
60
C 4839 C 4849
76
C 4859
C 4879
C 4889 Z
C 4879 G
C 4879 K
80
48
45 – 55
C 4806
36
C 4826
50
C 4836 C 4846
62
C 4856
C 4876
C 4886 Z
C 4876 G
C 4876 K
66
60
58 – 68
C 4807
20
C 4827
26
C 4837 C 4847
36
C 4857
C 4877
C 4887 Z
C 4877 G
C 4877 K
40
110 100 – 130
C 4807 J
12
C 4827 J
14
C 4837 J C 4847 J
20
C 4857 J C 4877 J C 4887 ZJ C 4877 GJ C 4877 KJ
20
200 190 – 200
C 4808
10
C 4828
14
C 4838 C 4848
20
C 4858
C 4878
C 4888 Z
C 4878 G
C 4878 K
20
220 200 – 250
C 4808 J
6
C 4828 J
7
C 4838 J C 4848 J
10
C 4858 J C 4878 J C 4888 ZJ C 4878 GJ C 4878 KJ
10
400 380 – 400
4 KW
5 KW
INPUTVAC,1-PHASE
INPUTVAC,3-PHASE
OUTPUT
AMPS
OUTPUTVDC
115 ± 20%
OUTPUT
AMPS
230 + 15%
– 20%
3X200 +
15%
– 20%
3X400 +
15%
– 20%
3X480 +
15%
– 20%
ADJ.
RANGE
C 4862
260 3)
C 4882
C 4862 V C 4882 V C 4892 V
260
12
11 – 13
C 4864
220 3)
C 4883
C 4863 V C 4883 V C 4893 V
220
15
14 – 16
C 4865
150
C 4884
C 4864 V C 4884 V C 4894 V
160
24
23 – 26
C 4869
130
C 4885
C 4865 V C 4885 V C 4895 V
140
28
26 – 30
C 4866
72
C 4889
C 4869 V C 4889 V C 4899 V
80
48
45 – 55
C 4867
60
C 4886
C 4866 V C 4886 V C 4896 V
66
60
58 – 68
C 4867 J
30
C 4887
C 4867 V C 4887 V C 4897 V
40
110
100 – 130
C 4868
16
C 4887 J C 4867 VJ C 4887 VJ C 4897 VJ
20
200
190 – 200
C 4868 J
16
C 4888
C 4868 V C 4888 V C 4898 V
20
220
200 – 250
4 KW
5 KW
INPUTVAC,1-PHASE
INPUTVAC,3-PHASE
OUTPUT
AMPS
OUTPUTVDC
115 ± 20%
OUTPUT
AMPS
230 + 15%
– 20%
3X200 +
15%
– 20%
3X400 +
15%
– 20%
3X480 +
15%
– 20%
ADJ.
RANGE
B 4861
220 3)
B 4881
B 4861 V B 4881 V B 4891 V
220
12
12 – 16
B 4862
122
B 4882
B 4862 V B 4882 V B 4892 V
140
24
24 – 32
B 4864
62
B 4884
B 4864 V B 4884 V B 4894 V
70
48
48 – 64
B 4866
50
B 4886
B 4866 V B 4886 V B 4896 V
60
60
60 – 80
B 4867
28
B 4887
B 4867 V B 4887 V B 4897 V
34
110
110 – 145
B 4868
14
B 4888
B 4868 V B 4888 V B 4898 V
18
220
220 – 290
BATTERY CHARGERS


Similar Part No. - C4802

ManufacturerPart #DatasheetDescription
logo
Cinch Connectivity Solu...
C48 CINCH-C48 Datasheet
644Kb / 21P
Circular Connector, BACC Series, MIL-DTL-26500 Series, Wall Mount Receptacle, 19 Contacts
logo
Red Lion Controls. Inc
C48 REDLION-C48 Datasheet
2Mb / 8P
Award-winning solutions from the number one brand in the industry
logo
Cinch Connectivity Solu...
C48-00R1055P10100 CINCH-C48-00R1055P10100 Datasheet
644Kb / 21P
Circular Connector, BACC Series, MIL-DTL-26500 Series, Wall Mount Receptacle, 19 Contacts
C48-00R1055P10102 CINCH-C48-00R1055P10102 Datasheet
644Kb / 21P
Circular Connector, BACC Series, MIL-DTL-26500 Series, Wall Mount Receptacle, 19 Contacts
C48-00R1055P10105 CINCH-C48-00R1055P10105 Datasheet
644Kb / 21P
Circular Connector, BACC Series, MIL-DTL-26500 Series, Wall Mount Receptacle, 19 Contacts
More results

Similar Description - C4802

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4423 MICRO-LINEAR-ML4423 Datasheet
220Kb / 10P
1, 2, or 3-Phase Variable Speed AC Motor Controller
logo
Freescale Semiconductor...
56F8300 FREESCALE-56F8300 Datasheet
563Kb / 16P
3-Phase AC Induction Motor V/Hz Control
logo
Tyco Electronics
1408-1A MACOM-1408-1A Datasheet
342Kb / 2P
115 or 208Vac, 60 or 400 Hz., Relay Output
logo
List of Unclassifed Man...
TC-550PA ETC2-TC-550PA Datasheet
159Kb / 4P
AC Input Voltage: 90~264V (Active PFC) Frequency: 47 to 63 Hz..
TC-600PF ETC2-TC-600PF Datasheet
167Kb / 4P
AC Input Voltage: 100~240V (Active PFC) Frequency: 47 to 63 Hz..
logo
Total Power Internation...
TPIUU-61 TOTAL-POWER-TPIUU-61 Datasheet
296Kb / 2P
Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
TPIUU-62 TOTAL-POWER-TPIUU-62 Datasheet
288Kb / 2P
Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
logo
Bel Fuse Inc.
LDT480-24 BEL-LDT480-24 Datasheet
536Kb / 4P
3 phase AC input 400 ??500 VAC
LDT960 BEL-LDT960 Datasheet
716Kb / 4P
3 phase AC input 400 ??500 VAC
LDT2400 BEL-LDT2400 Datasheet
702Kb / 5P
3 phase AC input: 400 ??500 VAC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com