Electronic Components Datasheet Search
  English  ▼

X  

C3552 Datasheet(PDF) 1 Page - Powerbox

Part # C3552
Description  Overvoltage protection with auto restart
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

C3552 Datasheet(HTML) 1 Page - Powerbox

  C3552 Datasheet HTML 1Page - Powerbox C3552 Datasheet HTML 2Page - Powerbox C3552 Datasheet HTML 3Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Doc. No. PBC9 Rev.C 28-4-11
FEATURES
• DC input 18 - 640 V
• AC input 1 or 3-phase, 47 - 400 Hz
• DC output 5-400V
• Continuous short circuit protection
• Overvoltage protection with auto restart
• Thermal shutdown with auto restart
• Industrial grade components
• Compact and robust design
700W
850W
INPUTVDC
OUTPUTVDC
18 –36
VDC
OUTPUT
AMPS
36 – 75
VDC
45 – 90
VDC
80 –160
VDC
160 – 320
VDC
320 – 380 1)
VDC
320 – 640 3)
VDC
OUTPUT
AMPS
ADJ.
RANGE
C 3520
80
C 3530
C 3540
C 3550
C 3570
C 3580 Z
C 3570 G
100
5
4.5 – 5.5
C 3521
55
C 3531
C 3541
C 3551
C 3571
C 3581 Z
C 3571 G
65
9
8 – 10
C 3522
50
C 3532
C 3542
C 3552
C 3572
C 3582 Z
C 3572 G
56
12
11 – 13
C 3523
40
C 3533
C 3543
C 3553
C 3573
C 3583 Z
C 3573 G
45
15
14 – 16
C 3524
27
C 3534
C 3544
C 3554
C 3574
C 3584 Z
C 3574 G
30
24
23 – 26
C 3525
23
C 3535
C 3545
C 3555
C 3575
C 3585 Z
C 3575 G
27
28
26 – 30
C 3529
12
C 3539
C 3549
C 3559
C 3579
C 3589 Z
C 3579 G
14
48
45 – 55
C 3526
10
C 3536
C 3546
C 3556
C 3576
C 3586 Z
C 3576 G
12
60
58 – 68
C 3527
5.3
C 3537
C 3547
C 3557
C 3577
C 3587 Z
C 3577 G
6.5
110
100 – 130
C 3527 J
3.5
C 3537 J
C 3547 J
C 3557 J
C 3577 J
C 3587 ZJ
C 3577 GJ
4
200
190 – 200
C 3528
2.8
C 3538
C 3548
C 3558
C 3578
C 3588 Z
C 3578 G
3.5
220
200 – 250
C 3528 J
1.7
C 3538 J
C 3548 J
C 3558 J
C 3578 J
C 3588 ZJ
C 3578 GJ
2
400
380 – 400
DC/DC CONVERTERS
850W
INPUTVAC,1-PHASE
INPUTVAC,3-PHASE
OUTPUT
AMPS
OUTPUTVDC
115 ± 20% 230 + 15%
– 20%
115 ± 20%
230 + 15%
– 20%
3X200 + 15%
– 20%
3X400 + 15%
– 20%
3X480 + 15%
– 20%
ADJ.
RANGE
C 3560
C 3580
C 3590
C 3560 V
C 3580 V
C 3590 V
100 2)
5
4.5 – 5.5
C 3561
C 3581
C 3591
C 3561 V
C 3581 V
C 3591 V
65
9
8 – 10
C 3562
C 3582
C 3592
C 3562 V
C 3582 V
C 3592 V
56
12
11 – 13
C 3563
C 3583
C 3593
C 3563 V
C 3583 V
C 3593 V
45
15
14 – 16
C 3564
C 3584
C 3594
C 3564 V
C 3584 V
C 3594 V
30
24
23 – 26
C 3565
C 3585
C 3595
C 3565 V
C 3585 V
C 3595 V
27
28
26 – 30
C 3569
C 3589
C 3599
C 3569 V
C 3589 V
C 3599 V
14
48
45 – 55
C 3566
C 3586
C 3596
C 3566 V
C 3586 V
C 3596 V
12
60
58 – 68
C 3567
C 3587
C 3597
C 3567 V
C 3587 V
C 3597 V
6.5
110
100 – 130
C 3567 J
C 3587 J
C 3597 J
C 3567 VJ
C 3587 VJ
C 3597 VJ
4
200
190 – 200
C 3568
C 3588
C 3598
C 3568 V
C 3588 V
C 3598 V
3.5
220
200 – 250
C 3568 J
C 3588 J
C 3598 J
C 3568 VJ
C 3588 VJ
C 3598 VJ
2
400
380 – 400
AC/DC POWER SUPPLIES
C3500 Series
7 0 0 - 8 5 0 W A T T A C / D C - D C / D C - B A T T E R Y C H A R G E R S S I N G L E O U T P U T
BATTERY CHARGERS
850W
INPUTVAC,1-PHASE
INPUTVAC,3-PHASE
OUTPUT
AMPS
OUTPUTVDC
115 ± 20% 230 + 15%
– 20%
115 ± 20%
230 + 15%
– 20%
3X200 +
15%
– 20%
3X400 +
15%
– 20%
3X480 +
15%
– 20%
NOM.
BATTERY
VOLTAGE
RANGE
B 3561
B 3581
B 3591
B 3561 V
B 3581 V
B 3591 V
50
12
12 – 16
B 3562
B 3582
B 3592
B 3562 V
B 3582 V
B 3592 V
28
24
24 – 32
B 3564
B 3584
B 3594
B 3564 V
B 3584 V
B 3594 V
15
48
48 – 64
B 3566
B 3586
B 3596
B 3566 V
B 3586 V
B 3596 V
12
60
60 – 80
B 3567
B 3587
B 3597
B 3567 V
B 3587 V
B 3597 V
7
110
110 – 145
B 3568
B 3588
B 3598
B 3568 V
B 3588 V
B 3598 V
3.5
220
220 - 290


Similar Part No. - C3552

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
C355 COILCRAFT-C355 Datasheet
8Mb / 60P
MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
NOVEMBER 2021
C355 COILCRAFT-C355 Datasheet
100Kb / 1P
Designer’s Kits
logo
Roithner LaserTechnik G...
C355-2SR1 ROITHNER-C355-2SR1 Datasheet
218Kb / 3P
UV LED chip die
More results

Similar Description - C3552

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1004KL-04W-B40-B00 ETC2-1004KL-04W-B40-B00 Datasheet
353Kb / 2P
Auto Restart/Polarity Protection
2410ML-04W-B30-E00 ETC2-2410ML-04W-B30-E00 Datasheet
363Kb / 1P
Auto Restart/Polarity Protection
3610KL-05W-B50-D00 ETC2-3610KL-05W-B50-D00 Datasheet
315Kb / 1P
Auto Restart/Polarity Protection
logo
Powerbox
C1500 POWERBOX-C1500 Datasheet
87Kb / 3P
Overvoltage protection with auto restart
C2500 POWERBOX-C2500 Datasheet
200Kb / 3P
Overvoltage protection with auto restart
C3800 POWERBOX-C3800 Datasheet
1Mb / 2P
Overvoltage protection with auto restart
logo
STMicroelectronics
STEVAL-ILL069V1 STMICROELECTRONICS-STEVAL-ILL069V1 Datasheet
271Kb / 5P
Short circuit protection with auto restart
02-Jul-2015
STEVAL-ILL069V2 STMICROELECTRONICS-STEVAL-ILL069V2 Datasheet
295Kb / 5P
Short circuit protection with auto restart
15-Sep-2016
STEVAL-ILL076V1 STMICROELECTRONICS-STEVAL-ILL076V1 Datasheet
235Kb / 4P
Short-circuit protection with auto restart
18-Sep-2015
STEVAL-ILL076V2 STMICROELECTRONICS-STEVAL-ILL076V2 Datasheet
335Kb / 7P
Short circuit protection with auto restart
13-Sep-2016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com