Electronic Components Datasheet Search
  English  ▼

X  

DRP Datasheet(PDF) 1 Page - Powerbox

Part # DRP
Description  Power will not de-rate for the entire input voltage range
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

DRP Datasheet(HTML) 1 Page - Powerbox

  DRP Datasheet HTML 1Page - Powerbox DRP Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Doc. No. DRP BN1PH Series Rev.A 16-9-15
1
DRP BN1PH Series
6 0 - 4 8 0 W A T T S A C / D C D I N R A I L
FEATURES
•
24VDC 60W - 480W
•
1Ph AC/DC Power Supply
•
DIN Rail Mountable
•
Power will not de-rate for the entire input voltage range
•
Power Boost of 150% for 3 seconds
•
Conformal coating on PCBAs
•
To protect against common dust and chemical pollutants
•
Operating Temp -25C to 80C
•
MTBF DRP60W & 120W > 800 000hrs
•
MTBF DRP240W & 480W > 500 000hrs
•
Overvoltage / Overcurrent / Over Temperature / Protection
SPECIFICATIONS
OUTPUT
Output Voltage
24Vdc, 48Vdc
Output Voltage Range
24V - 28Vdc, 48V-56Vdc
Output Current
See Selection Table
Indicator
Green LED (DC OK)
Output Power
60W - 480W, See Selection Table
Line Regulation
< 0.5% typ. (@ 85-264Vac input, 100% load)
Load Regulation
< 1% typ. (@ 85-264Vac input, 0-100% load)
PARD (20MHz)
< 200mVpp
Hold-up Time
> 20ms @ 115Vac & 230Vac
INPUT
Input Voltage Range
85–264VAC 120-375 VDC
Input Frequency
47-63Hz
Input Current
DRP60: <0.8A @ 230Vac
DRP120: < 1.2A @ 230Vac
DRP240: < 1.3A @ 230Vac
DRP480: <3A @ 230Vac
Efficiency at 100% Load
> 91.0% @ 115VAC >93.0% @ 230VAC
Leakage Current
< 1mA @ 240VAC
PROTECTIONS
Overvoltage
32V, +/-10% SELV Ouput, Hiccup Mode, Non-
Latching (Auto-Recovery)
Overload/Overcurrent
> 150% of rated load current, Hiccup Mode, Non-
Latching (Auto-Recovery)
Over Temperature
< 80C Surrounding Air Temperature @ 100%
load, Non-Latching (Auto Recovery)
Short Circuit
Hiccup Mode, Non-Latching (Auto-Recovery)
when the fault is removed)
Degree of Protection
IP20
Protection against shock
Class 1 with PE (Primary Earth) connection
Galvanic Isolation
Input to Output: 4.0KVAC
Input to Ground: 1.5KVAC
Output to Ground: 1.5KVAC
RELIABILITY
MTBF
DRP60W & DRP20W: 800,000 hrs as per Telcordia
SR-332 I/P: 115Vac, O/P: 100% load, Ta 25C
DRP240W & DRP480W: 500,000 hrs as per
Telcordia SR-332 I/P: 115Vac, O/P: 100% load, Ta
25C
Expected Life Time
10 years (230Vac 50% load @ 40C)
ENVIRONMENTAL
Operating Temperature -25°C to +80°C
Storage Temperature
-25°C to +85°C
Power De-rating
> 50°C (2.5% / °C)
Operating Humidity
< 95% RH (Non-Condensing)
Operating Altitude
2,500m
MECHANICAL
Case Cover
Aluminium
Dimensions / Weight
DRP60: 121 x 32 x 119.3mm, 0.33Kg
DRP120: 121 x 32 x 123.1mm, 0.72kg
DRP240: 121 x 85 x 124.1mm, 1.1kg
DRP480: 121 x 144 x 118.6mm, 1.37kg
Indicator
Green LED (DC OK)
Input Terminal
3 Pins (Rated 300V/30A)
Output Terminal
4 Pins (Rated 300V/30A)
Input Wire
DRP60: AWG 22-12
DRP120: AWG 20-12
DRP240: AWG 16-14
DRP480, AWG 18-10
Output Wire
DRP60: AWG 22-12
DRP120: AWG 20-12
DRP240: AWG 16-14
DRP480: AWG 18-10
Mounting Rail
TS35 DIN Rail in accordance with EN60715
IEC AC Input
See PBB1P Series for IEC Input option
Drip Hood Cover
See PBB1P Series for Drip Hood Cover option
STANDARDS
C-Tick
AS/NZS CISPR11 Group 1 Class A.
Electronic Equipment
EN50718 / IEC62103 in Power Installatioins
Electrical Safety
SIQ to EN60950-1, UL/cUL recognized to
UL60950-1, CSA C22.2 No. 60950-1, CB scheme
to IEC60950-1
Industrial Control
UL/cUL listed to UL508 and CSA C22.2 No. 107.1-
01, CSA to CSA C22.2 No. 107.1-01 (File No.
181564)
CE
In conformance with EMC Directive 2004/108/EC
and Low Voltage Directive 2006/95/EC
Materials & Parts
RoHS Directive 2011/65/EU Compliant


Similar Part No. - DRP

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DRP-01 MEANWELL-DRP-01 Datasheet
51Kb / 1P
Mounting Accessories
logo
Powerbox
DRP-012V POWERBOX-DRP-012V Datasheet
346Kb / 2P
Power will not de-rate for the entire input voltage range
logo
Mean Well Enterprises C...
DRP-02 MEANWELL-DRP-02 Datasheet
38Kb / 1P
Mounting Accessories
DRP-03 MEANWELL-DRP-03 Datasheet
37Kb / 1P
Mounting Accessories
DRP-04 MEANWELL-DRP-04 Datasheet
37Kb / 1P
Mounting Accessories
More results

Similar Description - DRP

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
537-501-75_1312 MARL-537-501-75_1312 Datasheet
316Kb / 5P
Product will operate over a wide input voltage range
538-501-75_1312 MARL-538-501-75_1312 Datasheet
395Kb / 5P
Product will operate over a wide input voltage range
logo
Holt Integrated Circuit...
HI-3000H HOLTIC-HI-3000H Datasheet
77Kb / 12P
Will not disturb the bus if unpowered
logo
Powerbox
DRP-012V POWERBOX-DRP-012V Datasheet
346Kb / 2P
Power will not de-rate for the entire input voltage range
logo
Delta Electronics, Inc.
DRC-24V60W1AZ DELTA-DRC-24V60W1AZ Datasheet
1Mb / 11P
Power will not de-rate for the entire input voltage range
DRP012V030W1AX DELTA-DRP012V030W1AX Datasheet
1Mb / 12P
Power will not de-rate for the entire input voltage range
DRP024V060W3BX DELTA-DRP024V060W3BX Datasheet
1Mb / 14P
Power will not de-rate for the entire input voltage range
DRP024V120W1BX DELTA-DRP024V120W1BX Datasheet
1Mb / 15P
Power will not de-rate for the entire input voltage range
DRP048V120W1BX DELTA-DRP048V120W1BX Datasheet
1Mb / 15P
Power will not de-rate for the entire input voltage range
PMC-12V035W1AX DELTA-PMC-12V035W1AX Datasheet
1,005Kb / 10P
Power will not de-rate for the entire input voltage range
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com