Electronic Components Datasheet Search
  English  ▼

X  

C3556 Datasheet(PDF) 2 Page - Powerbox

Part # C3556
Description  Overvoltage protection with auto restart
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

C3556 Datasheet(HTML) 2 Page - Powerbox

  C3556 Datasheet HTML 1Page - Powerbox C3556 Datasheet HTML 2Page - Powerbox C3556 Datasheet HTML 3Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Powering Progress – www.powerbox.com.au
Doc. No. PBC9 Rev.C 28-4-11
Euro Series
EURO OPTION SPECIFICA TIONS
OPTIONS
INPUT
Option “i” (inrush current limiting): A thermistor is connected in series with the
input lines which changes its resistance from high to low when it gets hot. It does
not reduce the current surge if the input power is interrupted for a short period of
time not allowing the thermistor to cool down. Thermistors are fitted as standard
to all mains input models except for 1-phase input of models > 2.5kW.
Thermistors are available up to 45A. For higher input current an electronic inrush
current limitation can be offered.
Option “ie” electronic inrush current limiting An electronic circuit limits the inrush
current.
Option “sd” (series diode): A series diode protects the module against input
voltage of wrong polarity (additional power losses).
Option “ad” (anti-parallel diode): To avoid the power losses of a series diode a diode is
provided with opposite polarity in parallel to the input blowing an internal or external
fuse if the module is connected to a supply with wrong polarity.
Option “au” (auto-ranging) For standard dual AC input models the range of
115/230Vac is to be selected by connecting the input line to different pins on the
connector. With auto-ranging the unit senses the input voltage and provides
automatically the correct connection.
Option “p” (power fail): A signal (logic or relay) is given if the input voltage (AC or
DC) drops below the specified limit. In AC input units we sense the rectified input
voltage so that a power fail alarm will not be triggered if at light loads mains
power returns before the input capacitors are substantially discharged.
Option “r” (relay): A relay instead of a logic signal is provided for failure indication.
OUTPUT
Option “dd” (decoupling diode): For redundant operation the outputs of two or
more units are paralleled behind de-coupling diodes so that an internal fault of
one module does not affect the operation of the others. These diodes cause power
losses.
Option “cs” (active current sharing): An additional control circuit provides active
current sharing via an interconnecting wire between converters that operate in
parallel. Active current sharing should be used for multi-output units operating in
parallel.
Option “csi” (current sharing interrupt): Option “csi” will effect the removal of the
“cs” signal. Should there be an instance where a unit is not supplying the load,
then the effect of its “cs” signal is removed, and the load voltage is unaffected by
this condition.
Option “h1” (inhibit): A terminal connected to the negative input line also shuts off the
converter. This can also be used in conjunction with a thermal trip which shuts the unit
down.
Option “h2” (inhibit): Operation of the unit is inhibited if a voltage signal
(5V/10mA) is applied in reference to the negative line of the (main) output.
Option “rco” (reducing current limiting at over temperature) A circuit reduces the
current limiting level at higher temperature (to be specified).
Option “d” (DC-ok, one output): A logic signal is given if the output voltage (main
output in multi-output systems) is below the specified limit.
Option “m” (DC-ok, all outputs): In multi-output systems a logic signal is provided
if the voltage of any output is below the specified limit.
Option “ac” (AC ok) A logic signal connected to relay contacts is given if the
output voltage of an inverter is below the specified limit.
PROGRAMMING SERIES 200-5800,6600
Of output voltage
from 0 to 100%
By external signal, 0-10Vdc
eu1
By external signal, 4-20mA
eu2
By 270° potentiometer
eu3
By 10 turn potentiometer
eu4
Of output current
from 0 to 100%
By external signal, 0-10Vdc
ei1
By external signal, 4-20mA
ei2
By 270° potentiometer
ei3
By 10 turn potentiometer
ei4
Isolating amplifier for programming
iso
Programming via interface RS232 or IEEE488
MONITORING SERIES 200-5800,6600
Of output voltage
from 0 to 100%
By external signal, 0-10Vdc
mu1
By external signal, 4-20mA
mu2
Of output current
from 0 to 100%
By external signal, 0-10Vdc
mi1
By external signal, 4-20mA
mi2
Isolating amplifier for programming
iso
Programming via interface RS232 or IEEE488
CHARGER PROGRAMMING (ALL SERIES)
Temperature compensated charging voltage(sensor not included)
tc
Temperature sensor
Not interchangeable due to fixed
resistor values
ts1
Interchangeable, IC controlled
ts2
Automatic selection of charging characteristic (float / equalize
charge) with timer
ch1
Additionally: Manual selection of charging characteristic
ch2
Additionally: Boost charge operation (manually activated with
time delayed return to normal operation)
ch3
Option “y” (sys-reset): This logic signal is a combination of power fail and DC-ok
as specified for VME systems.
Option “r” (relay): A relay instead of a logic signal is provided for failure
indication.`
PROGRAMMING & MONITORING



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com