Electronic Components Datasheet Search
  English  ▼

X  

PBAMR1 Datasheet(PDF) 1 Page - Powerbox

Part # PBAMR1
Description  1 0 WAT T S - A C / D C D I N R A I L S U P P LY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBAMR1 Datasheet(HTML) 1 Page - Powerbox

  PBAMR1 Datasheet HTML 1Page - Powerbox PBAMR1 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Doc. No. PBAMR1 Series Rev.B 24-9-15
1
SELECTION TABLE
PBAMR1 Series
1 0 W A T T S - A C / D C D I N R A I L S U P P L Y
FEATURES
•
10W
•
Outputs 5V 12V 15V 24V
•
DIN Rail Mount TS35
•
Snap on mounting
•
Low Profile
•
Operating Temperature -25C to +71C
SPECIFICATIONS
INPUT
Input voltage
90-264Vac or 120-370Vdc
Inrush Current
20-30A at 230Vac
Line frequency
47-63Hz
OUTPUT
Output voltage
See Selection Table
Output voltage
accuracy
+1%
Minimum load
Not required
Line regulation
+1%
Load regulation
+1%
Ripple and noise
BW = 20MHz, 50mV
Hold up time
Vi = 115VAC, lo nom 10 ms
Vi = 230VAC, lo nom 30 ms
Efficiency
74% - 80% typical, model dependant
PROTECTION
Input fuse
TIA / 250VAC Internal
Rated over load
protection
110-160% of Vi nom
Isolation voltage
Input / Output 3,000VAC
Isolation resistance
Input / Output at 500VDC 100MΩ
ENVIRONMENT
Operating temperature
-25°C to +71°C
Derating
From +61°C to +71°C, 2.5% per °C
Cooling
Free air Convection.
Storage temperature
Non Operational -25 to +85°
Relative humidity
Min 20% max 95%
STANDARDS
UL/cUL
UL508 Listed UL1310 Class 2 power supply,
UL60950-1 Recognised
TUV
EN60950-1
CE
EN6100-3-2, EN61000-3-3, EN61000-6-2,
EN55024, EN61000-4-2, EN61000-4-3,
EN61000-4-4, EN61000-4-5,
EN61000-4-6, EN61000-4-8,
EN61000-4-11, EN61204-3
C tick
AS/NZ CISPR11 Group 1, Class A
EMI Standards
EN61000-6-3, EN55022 Class B
MECHANICAL
Connection
Solid: 0.-2 - 2.0mm2 (AWG24-14)
Mounting
DIN Rail Mount
TS35/7.5 or TS35/15
Dimension
L91 x W18 x D56.5 mm
Weight
60g-65g
MODEL NUMBER
VOLTAGE
CURRENT
POWER
PBAMR1-05
5Vdc
1.5A
7.5W
PBAMR1-12
12Vdc
0.83A
10W
PBAMR1-15
15Vdc
0.67A
10W
PBAMR1-24
24Vdc
0.42A
10W


Similar Part No. - PBAMR1

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBAMR2 POWERBOX-PBAMR2 Datasheet
177Kb / 1P
24 WATTS - AC/DC DIN RAIL MOUNTABLE - INDUSTRIAL CONTROL
PBAMR3 POWERBOX-PBAMR3 Datasheet
187Kb / 1P
36 WATTS - AC/DC DIN RAIL MOUNTABLE - INDUSTRIAL CONTROL
PBAMR4 POWERBOX-PBAMR4 Datasheet
179Kb / 1P
60 WATTS - AC/DC DIN RAIL MOUNTABLE - INDUSTRIAL CONTROL
PBAMR5 POWERBOX-PBAMR5 Datasheet
178Kb / 1P
100 WATTS - AC/DC DIN RAIL MOUNTABLE - INDUSTRIAL CONTROL
More results

Similar Description - PBAMR1

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBB2C POWERBOX-PBB2C Datasheet
427Kb / 4P
1 0 - 1 5 0 WAT T S - A C / D C S I N G L E O U T P U T
PBB10C POWERBOX-PBB10C Datasheet
297Kb / 3P
6 0 0 - 1 0 0 0 WAT T S - A C / D C S I N G L E O U T P U T
PBB20C POWERBOX-PBB20C Datasheet
1Mb / 9P
A C / D C S I N G L E O U T P U T S U P P LY
PBBO POWERBOX-PBBO Datasheet
168Kb / 1P
5 - 1 0 WAT T S - A C / D C S I N G L E O U T P U T
PBDRN120 POWERBOX-PBDRN120 Datasheet
231Kb / 1P
1 2 0 WAT T S - A C / D C D I N R A I L M O U N TA B L E - I N D U S T R I A L C O N T R O L
PBLN POWERBOX-PBLN Datasheet
260Kb / 2P
60 - 2 4 0 WAT T S - A C / D C L I N E A R S I N G L E O U T P U T
PBI3H POWERBOX-PBI3H Datasheet
99Kb / 2P
1 0 0 WAT T S D C / D C S W I T C H I N G P O W E R S U P P LY
ES300 POWERBOX-ES300 Datasheet
966Kb / 2P
3 0 0 WAT T S P R O G R A M M A B L E D C S U P P LY
PBCBAT POWERBOX-PBCBAT Datasheet
135Kb / 2P
1 5 0 - 3 0 0 WAT T S - A C / D C S I N G L E O U T P U T
PBLDU POWERBOX-PBLDU Datasheet
298Kb / 3P
7 0 - 2 8 0 WAT T S D C U P S L I N E A R
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com