Electronic Components Datasheet Search
  English  ▼

X  

PBB13C Datasheet(PDF) 2 Page - Powerbox

Part # PBB13C
Description  7 - 3 0 0 WAT T S - A C / D C S I N G L E O U T P U T
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBB13C Datasheet(HTML) 2 Page - Powerbox

  PBB13C Datasheet HTML 1Page - Powerbox PBB13C Datasheet HTML 2Page - Powerbox PBB13C Datasheet HTML 3Page - Powerbox PBB13C Datasheet HTML 4Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Doc. No. PBC9 Rev.E 26-5-12
36
PBB13C Series
7 - 3 0 0 W A T T S - A C / D C S I N G L E O U T P U T
MODEL
NUMBER
OUTPUT
RIPPLE & NOISE
EFFICIENCY
POWER
PBB13C-3.3D-SNY
3.3V
2A
120mV p-p
68%
6.6W
PBB13C-5D-SNY
5V
2A
120mV p-p
76%
10W
PBB13C-12D-SNY
12V
0.9A
150mV p-p
79%
10.8W
PBB13C-15D-SNY
15V
0.7A
150mV p-p
80%
10.5W
PBB13C-24D-SNY
24V
0.5A
150mV p-p
83%
12W
PBB13C-3.3F-SNY
3.3V
3A
120mV p-p
69%
9.9W
PBB13C-5F-SNY
5V
3A
120mV p-p
76%
15W
PBB13C-12F-SNY
12V
1.3A
150mV p-p
78%
15.6W
PBB13C-15F-SNY
15V
1A
150mV p-p
80%
15W
PBB13C-24F-SNY
24V
0.7A
150mV p-p
83%
16.8W
PBB13C-3.3H-SNY
3.3V
6A
120mV p-p
75%
19.8W
PBB13C-5H-SNY
5V
6A
120mV p-p
79%
30W
PBB13C-12H-SNY
12V
2.5A
150mV p-p
81%
30W
PBB13C-15H-SNY
15V
2A
150mV p-p
83%
30W
PBB13C-24H-SNY
24V
1.3A
150mV p-p
84%
31.2W
PBB13C-3.3J-SNY
3.3V
10A
120mV p-p
74%
33W
PBB13C-5J-SNY
5V
10A
120mV p-p
79%
50W
PBB13C-12J-SNY
12V
4.3A
150mV p-p
81%
51.6W
PBB13C-15J-SNY
15V
3.5A
150mV p-p
81%
52.2W
PBB13C-24J-SNY
24V
2.1A
150mV p-p
83%
50.4W
PBB13C-36J-SNY
36V
1.4A
250mV p-p
82%
40.4W
PBB13C-48J-SNY
48V
1.1A
250mV p-p
82%
52.8W
PBB13C-3.3L-SNY
3.3V
15A
120mV p-p
75%
49.5W
PBB13C-5L-SNY
5V
15A
120mV p-p
80%
75W
PBB13C-12L-SNY
12V
6.3A
150mV p-p
83%
75.6W
PBB13C-15L-SNY
15V
5A
150mV p-p
83%
75W
PBB13C-24L-SNY
24V
3.2A
150mV p-p
84%
76.8W
PBB13C-36L-SNY
36V
2.1A
250mV p-p
84%
75.6W
PBB13C-48L-SNY
48V
1.6A
250mV p-p
84%
76.8W
PBB13C-3.3M-SNY
3.3V
20A
120mV p-p
78%
66W
PBB13C-5M-SNY
5V
20A
120mV p-p
82%
100W
PBB13C-12M-SNY
12V
8.5A
150mV p-p
82%
102W
PBB13C-15M-SNY
15V
6.7A
150mV p-p
83%
100.5W
PBB13C-24M-SNY
24V
4.3A
150mV p-p
84%
103.2W
PBB13C-24MH-SNY
24V
4.3A (5.0A PK)
300mV p-p
84%
103W (120)
PBB13C-36M-SNY
36V
2.8A
250mV p-p
84%
100.8W
PBB13C-48M-SNY
48V
2.1A
250mV p-p
84%
100.8W
PBB13C-3.3R-SNY
3.3V
30A
120mV p-p
80%
99W
PBB13C-5R-SNY
5V
30A
120mV p-p
84%
150W
PBB13C-12R-SNY
12V
12.5A
150mV p-p
85%
150W
PBB13C-15R-SNY
15V
10A
150mV p-p
85%
150W
PBB13C-24R-SNY
24V
6.3A
150mV p-p
86%
151.2W
PBB13C-24RH-SNY
24V
6.3A (7.5A PK)
300mV p-p
86%
151W (180)
PBB13C-36R-SNY
36V
4.2A
250mV p-p
86%
151.2W
PBB13C-48R-SNY
48V
3.2A
250mV p-p
86%
153.6W
PBB13C-24E-SNY
24V
10A
150mV p-p
84%
240W
PBB13C-24EH-SNY
24V
10A (12.5A PK)
300mV p-p
84%
240W (300)
PBB13C-36E-SNY
36V
6.7A
250mV p-p
86%
241.2W
PBB13C-48E-SNY
48V
5A
250mV p-p
86%
240W
PBB13C-3.3T-SNY
3.3V
40A
120mV p-p
76%
198W
PBB13C-5T-SNY
5V
40A
120mV p-p
83%
300W
PBB13C-12T-SNY
12V
17A
150mV p-p
83%
324W
PBB13C-15T-SNY
15V
14A
150mV p-p
84%
330W
PBB13C-24T-SNY
24V
12.5A
150mV p-p
87%
336W
PBB13C-24TH-SNY
24V
12.5A (18.8A PK)
300mV p-p
87%
336W (456)
PBB13C-36T-SNY
36V
8.4A
250mV p-p
87%
338.4W
PBB13C-48T-SNY
48V
6.3A
250mV p-p
87%
336W
SELECTION TABLE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com