Electronic Components Datasheet Search
  English  ▼

X  

PBDR480 Datasheet(PDF) 1 Page - Powerbox

Part # PBDR480
Description  4 8 0 WAT T S - AC/DC DIN R A I L MOUNTAB L E - INDUS TR I A L CONTROL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBDR480 Datasheet(HTML) 1 Page - Powerbox

  PBDR480 Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Doc. No. PBC9 Rev.C 28-4-11
356
FEATURES
•
Heavy duty AC/DC din rail power module
•
Universal input 90-264Vac
•
DC input voltage 120-370Vdc
•
Compact and robust design with easy mounting on
TS35 Din-Rail
•
DC OK relay contact
•
High efficiency up to 90%
•
Parallel function available (switch)
•
Operational temperature between to -10 to +61°C
•
Local and international Approvals; C-Tick, CE, UL,
cUL, TUV
INPUT
Input voltage
115/230VAC
Input current
Vi: 115/230VAC, 6.9/3.3A
Line frequency
47-63Hz
Inrush current
Vi: 115/230VAC, 25/50A
Power cisipation
Vi: 230VAC, 24V 63W, 48V 60W
Leakage current
Input-Output 0.25mA
Input-FG 3.5mA
OUTPUT
Voltage range
Up to 115% of Vi nom
Hold-up time
Vi: 115/230VAC, 25/30ms
Ripple and noise
BW = 20MHz ,100 mV
Capacitor load
7000µf
ENVIRONMENTAL
Storage temperature
Non Operational -25 to 85°C
Relative humidity
20-95%
Isolation voltage
Input-Output at 3000 VAC
Input-FG 1500VAC
Ambient temperature
-10 to +71°C
Derating
From +61°C to +71°C, 2.5% per °C
MODEL NUMBER
OUTPUT
POWER
PBDR480S24-A*
+ 24 VDC
20A
480 WATTS
PBDR480S48-A*
+ 48 VDC
10A
480 WATTS
SELECTION TABLE
PBDR480 Series
4 8 0 W A T T S - A C / D C D I N R A I L M O U N T A B L E - I N D U S T R I A L C O N T R O L
MECHANICAL & PIN CONFIGURATION
* Non indent item
Temperature coefficient
+0.03%°C
Cooling
Free air convection
Dimensions
L124.5 x W175.5 x D123.6 mm
GENERAL
Efficiency
89% - 90% typical, model dependant
Switching frequency
60KHz
Weight
1,920g
STANDARDS
Safety standards
UL508 Listed, UL60950-1Recognised
ISA 12.12.01 (Class 1, Division 2, Groups
A,B,C and D)
C tick
AS/NZ CISPR11 Group 1, Class A
EMI standards
EN 61000-6-3
EN 55022 Class B
EN 61000-3-2 Class D, EN 61000-3-3
SPECIFICATIONS


Similar Part No. - PBDR480

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBDR10 POWERBOX-PBDR10 Datasheet
226Kb / 1P
10 WATTS - AC/DC DIN RAIL MOUNTABLE - INDUSTRIAL CONTROL
PBDR240 POWERBOX-PBDR240 Datasheet
233Kb / 1P
2 4 0 WAT T S - AC/DC DIN R A I L MOUNTAB L E - INDUS TR I A L CONTROL
PBDRD15 POWERBOX-PBDRD15 Datasheet
232Kb / 2P
D I N R A I L D C / D C C O N V E R T E R
PBDRD15-03 POWERBOX-PBDRD15-03 Datasheet
232Kb / 2P
D I N R A I L D C / D C C O N V E R T E R
PBDRD15-05 POWERBOX-PBDRD15-05 Datasheet
232Kb / 2P
D I N R A I L D C / D C C O N V E R T E R
More results

Similar Description - PBDR480

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN07059 SIPAT-LBN07059 Datasheet
126Kb / 1P
S A W F i l t e r E l e c t r i c a l C h a r a c t e r i s t i c
logo
E-Tech Electronics LTD
GI1182 ETL-GI1182 Datasheet
283Kb / 2P
P N P S I L I C O N E P I T A X I A L P L A N A R T R A N S I S T O R
GJSD1802 ETL-GJSD1802 Datasheet
496Kb / 3P
N P N E P I T A X I A L P L A N A R S I L I C O N T R A N S I S T O R
logo
Powerbox
PBDR240 POWERBOX-PBDR240 Datasheet
233Kb / 1P
2 4 0 WAT T S - AC/DC DIN R A I L MOUNTAB L E - INDUS TR I A L CONTROL
PBLN POWERBOX-PBLN Datasheet
260Kb / 2P
60 - 2 4 0 WAT T S - A C / D C L I N E A R S I N G L E O U T P U T
PBWRA240 POWERBOX-PBWRA240 Datasheet
286Kb / 1P
2 4 0 WAT T S - 3 PH AC/DC DIN R A I L MOUNTAB L E - INDUS TR I A L CONTROL
PBWRA960 POWERBOX-PBWRA960 Datasheet
319Kb / 1P
9 6 0 WAT T S - 3 PH AC/DC DIN R A I L MOUNTAB L E - INDUS TR I A L CONTROL
GPR-H POWERBOX-GPR-H Datasheet
167Kb / 1P
3 0 0 - 3 7 5 WAT T L I N E A R
GPR-M POWERBOX-GPR-M Datasheet
167Kb / 1P
1 8 0 WAT T L I N E A R
GPS-TRIPLE POWERBOX-GPS-TRIPLE Datasheet
142Kb / 1P
1 9 5 WAT T L I N E A R
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com