Electronic Components Datasheet Search
  English  ▼

X  

54157 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54157
Description  Quad 2-Line to 1-Line Data Selectors/Multiplexers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54157 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  54157 Datasheet HTML 1Page - National Semiconductor (TI) 54157 Datasheet HTML 2Page - National Semiconductor (TI) 54157 Datasheet HTML 3Page - National Semiconductor (TI) 54157 Datasheet HTML 4Page - National Semiconductor (TI) 54157 Datasheet HTML 5Page - National Semiconductor (TI) 54157 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
Symbol
Parameter
From (Input)
RL e 400X CL e 15 pF
Units
To (Output)
Min
Max
tPLH
Propagation Delay Time
Data
14
ns
Low to High Level Output
to Y
tPHL
Propagation Delay Time
Data
14
ns
High to Low Level Output
to Y
tPLH
Propagation Delay Time
Strobe
20
ns
Low to High Level Output
to Y
tPHL
Propagation Delay Time
Strobe
21
ns
High to Low Level Output
to Y
tPLH
Propagation Delay Time
Select
23
ns
Low to High Level Output
to Y
tPHL
Propagation Delay Time
Select
27
ns
High to Low Level Output
to Y
Logic Diagram
157
TLF6550 – 2
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com