Electronic Components Datasheet Search
  English  ▼

X  

ESD7002 Datasheet(PDF) 2 Page - ON Semiconductor

Part # ESD7002
Description  Transient Voltage Suppressors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD7002 Datasheet(HTML) 2 Page - ON Semiconductor

  ESD7002 Datasheet HTML 1Page - ON Semiconductor ESD7002 Datasheet HTML 2Page - ON Semiconductor ESD7002 Datasheet HTML 3Page - ON Semiconductor ESD7002 Datasheet HTML 4Page - ON Semiconductor ESD7002 Datasheet HTML 5Page - ON Semiconductor ESD7002 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ESD7002, SZESD7002
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse Working
Voltage
VRWM
I/O Pin to GND
5
16
V
Breakdown Voltage
VBR
IT = 1 mA, I/O Pin to GND
16.5
V
Reverse Leakage
Current
IR
VRWM = 5 V, I/O Pin to GND
1
mA
Clamping Voltage
(Note 1)
VC
IEC61000−4−2, ±8 kV Contact
See Figures 3 and 4
Clamping Voltage TLP
(Note 2)
VC
IPP = 8 A
IPP = 16 A
IPP = −8 A
IPP = −16 A
31.2
33.9
−5.5
−10.8
V
Junction Capacitance
Match
DCJ
VR = 0 V, f = 1 MHz between I/O1 to GND and I/O
2 to GND
5
10
%
Junction Capacitance
CJ
VR = 0 V, f = 1 MHz between I/O Pins
0.2
0.4
pF
Junction Capacitance
CJ
VR = 0 V, f = 1 MHz between I/O Pins and GND
0.3
0.5
pF
3dB Bandwidth
fBW
RL = 50 W
5
GHz
1. For test procedure see Figures 5 and 6 and application note AND8307/D.
2. ANSI/ESD STM5.5.1 − Electrostatic Discharge Sensitivity Testing using Transmission Line Pulse (TLP) Model.
TLP conditions: Z0 = 50 W, tp = 100 ns, tr = 4 ns, averaging window; t1 = 30 ns to t2 = 60 ns.
1.0
Figure 1. Typical IV Characteristic Curve
Figure 2. Typical CV Characteristic Curve
0
1E−02
VOLTAGE (V)
VBias (V)
2
1E−03
1E−04
1E−05
1E−06
1E−07
1E−08
1E−09
1E−10
1E−11
1E−12
1E−13
46
8 10
12
14
24
22
20
18
16
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
Figure 3. IEC61000−4−2 +8 kV Contact ESD
Clamping Voltage
−50
150
TIME (ns)
0
140
130
120
110
100
90
80
70
60
50
40
30
20
10
0
−10
50
100 150
200
400
250
300
350
Figure 4. IEC61000−4−2 −8 kV Contact ESD
Clamping Voltage
−20
10
TIME (ns)
0
20
40
80
120
200
140 160 180
0
−10
−20
−30
−40
−50
−60
−70
−80
−90
−100
−110
−120
−130
−140
−150
100
60
02
4
6
8
10
12
14



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com