Electronic Components Datasheet Search
  English  ▼

X  

MBRS3100P Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBRS3100P
Description  Surface Mount Schottky Power Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRS3100P Datasheet(HTML) 3 Page - ON Semiconductor

  MBRS3100P Datasheet HTML 1Page - ON Semiconductor MBRS3100P Datasheet HTML 2Page - ON Semiconductor MBRS3100P Datasheet HTML 3Page - ON Semiconductor MBRS3100P Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MBRS3100P
www.onsemi.com
3
Figure 1. Typical Forward Voltage
0.4
0.3
0.5
0.2
0.9
10
0.1
1
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
Figure 2. Maximum Forward Voltage
0.4
0.6
0.7
0.5
1
10
0.1
1
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
Figure 3. Typical Reverse Current
20
60
040
80
1E−07
1E−06
VR, REVERSE VOLTAGE (V)
Figure 4. Typical Capacitance
125
°C
25
°C
1E−05
1E−04
1E−03
125
°C
75
°C
25
°C
20
60
040
80
VR, REVERSE VOLTAGE (V)
1000
25
°C
1E−08
0.3
10
0.7
0.6
0.8
75
°C
0.8
0.9
75
°C
100
100
100
125
°C
TJ = 25°C
Figure 5. Current Derating − Lead
100
110
90
180
7
0
3
TL, LEAD TEMPERATURE (°C)
Figure 6. Forward Power Dissipation
13
4
26
4.5
0
1
IO, AVERAGE FORWARD CURRENT (A)
dc
0
120
140
SQUARE WAVE
5
1
2
6
4
5
0.5
2
1.5
3
2.5
4
3.5
dc
SQUARE WAVE
RATED VOLTAGE APPLIED
RqJL = 11 °C/W
TJ = 150°C
130
150
160
170



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com