Electronic Components Datasheet Search
  English  ▼

X  

150V Datasheet(PDF) 1 Page - Powerbox

Part # 150V
Description  7 5 - 5 0 0 WAT T S - D C / D C C O N V E R T E R S
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

150V Datasheet(HTML) 1 Page - Powerbox

  150V Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Doc. No. PBC9 Rev.C 28-4-11
260
150V Maxi Mini Micro
7 5 - 5 0 0 W A T T S - D C / D C C O N V E R T E R S
FEATURES
•
Input Voltage: 100-200Vdc
•
Output Voltage: 3.3-48Vdc
•
Up to 120 W/in3
•
Low noise zero-current switching and zero-
voltage switching technology
•
Single-wire paralleling
•
Output voltage adjusts from 10-110%
•
Logic enable / disable
•
Input undervoltage lockout
•
Output overvoltage protection
INPUT
Voltage range
100-200Vdc
OUTPUT
Set point accuracy
±1%Vout nom
Nominal input;
Line regulation
±0.02%Vout nom.
Low line to high
Load regulation
±0.02%Vout nom.
No load to full
Temperature regulation
±0.002%Vout/°C
-20°C to 100oC
Ripple and noise, p-p
100 mV
Full load, 20MHz
Remote sense
compensation
0.5 Volts
Overvoltage set point
115% Vout nom.
Current limit
115% out max.
Vout 95% of
Efficiency: 5V out
24V out
83%
88%
Nominal input;
load; 25°C
88%
Programming range
10-110 % Vout nom.
Short circuit current
115% out max.
Output Voltage
Isolation voltage
3000 Vrms
Input to Output
(typical unless otherwise noted)
STANDARDS AND APPROVALS
Safety
UL60950-1, CSA60950-1, EN60950-1,
IEC 60950-1
Refer to mechanical drawings.
E
C
T
H
M
Operating Temp.
(°C)
-10 to 100 -20 to 100 -40 to 100 -40 to 100 -55 to 100
Storage Temp. (°C) -20 to 125 -40 to 125 -40 to 125 -55 to 125 -65 to 125
Temp. Cycling
none
none
none
24 hours
24 hours
(°C)
(-55 to 125) (-65 to 125)
Burn-In
none
none
none
12 hours
24 hours
Low Temp. Test (°C)
none
none
none
-40°C
-55°C
High Temp. Test (°C)
none
none
none
100°C
100°C
Final Test Data
none
none
none
PART NUMBERING
OUTPUT VOLTAGE (VDC)
OUTPUT POWER (W)
MICRO
MINI
MAXI
3.3V
75
150
264
5V
100
200
400
8V
100
200
400
12V
150
250
500
15V
150
250
500
24V
150
250
500
28V
150
250
500
36V
150
250
500
48V
150
250
500
PRODUCT GRADE SPECIFICATIONS
SELECTION TABLES
SPECIFICATIONS


Similar Part No. - 150V

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
150V VICOR-150V Datasheet
591Kb / 13P
Encapsulated circuitry for shock and vibration resistance
More results

Similar Description - 150V

ManufacturerPart #DatasheetDescription
logo
Powerbox
24V POWERBOX-24V Datasheet
210Kb / 1P
75 - 4 0 0 WAT T S - D C / D C C O N V E R T E R S
28V POWERBOX-28V Datasheet
53Kb / 1P
5 0 - 2 0 0 WAT T S - D C / D C C O N V E R T E R S
110V POWERBOX-110V Datasheet
238Kb / 1P
5 0 - 4 0 0 WAT T S - D C / D C C O N V E R T E R S
300V POWERBOX-300V Datasheet
263Kb / 1P
5 0 - 5 0 0 WAT T S - D C / D C C O N V E R T E R S
375V POWERBOX-375V Datasheet
211Kb / 1P
5 0 - 6 0 0 WAT T S - D C / D C C O N V E R T E R S
B62SR POWERBOX-B62SR Datasheet
957Kb / 2P
3 0 0 WAT T S D C / D C C O N V E R T E R
DVC75 POWERBOX-DVC75 Datasheet
85Kb / 2P
4 0 - 7 7 WAT T S D C / D C C O N V E R T E R
PB315 POWERBOX-PB315 Datasheet
142Kb / 1P
5 0 0 WAT T S R O L L I N G S T O C K D C / D C C O N V E R T E R
PU500 POWERBOX-PU500 Datasheet
243Kb / 3P
4 0 0 - 5 0 0 WAT T S D C / D C I N D U S T R I A L C O N V E R T E R
PBSP-TEMPO POWERBOX-PBSP-TEMPO Datasheet
130Kb / 1P
5 0 0 - 7 0 0WAT T D C / A C I N V E R T E R
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com