Electronic Components Datasheet Search
  English  ▼

X  

DVC251 Datasheet(PDF) 1 Page - Powerbox

Part # DVC251
Description  D C / D C A U T O M O T I V E C O N V E R T E R
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

DVC251 Datasheet(HTML) 1 Page - Powerbox

  DVC251 Datasheet HTML 1Page - Powerbox DVC251 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DVC251 Series
D C / D C A U T O M O T I V E C O N V E R T E R
FEATURES
• 137W - 252W Automotive Converter
• Designed for use in rough environment
• Rugged construction / potted device
• Protection against unfavourable environmental conditions
• DC/DC wide range input
• Filtered against vehicle on-board disturbances
• Galvanic separation 1.5kV
• Design acc. to EN60950. EN50155. EN1175. ISO20898
• Regulated output
• very high efficiency
• Short-circuit / No-load protection
• Over Temperature protection
• Parallel connectable (Option: Smart output characteristics)
SPECIFICATIONS
Doc. No. DVC251 Rev.D 25-11-15
www.powerbox.com.au - 1800 251 380
www.powerbox.co.nz - 0800 104 480
INPUT
Input Voltage
12Vdc, 24Vdc, 48Vdc, 110Vdc
Input range
See selection table, model dependent
OUTPUT
Output voltage
See Selection Table.
Output current
See Selection Table.
Output voltage tolerance
±3% @ 5VDC model 1% @ 12-24VDC models
Load regulation static
±1.5% typical model dependant. 0-100% load
Regulation time
≤0.5ms,≤1ms for DVC251
Line regulation
±0.1%
Temperature drift
0.2% typ 0 - 60°C 0.5% typ -25 - 60°C
Ripple & noise
100mVp-p
Efficiency
85-92% model dependant/td>
Parallel Operation
For increased output power
- Unlimited connectable in parallel, no
additional control cable needed
- Smart output regulation for optimized DC
current distribution
- For a 100% redundancy, an external diode
is required
Serial Connection
For higher output voltages
- Serial connectable (of up to max 4 units)
STANDARDS & APPROVALS
Safety
Designed to meet EN60950, EN1175
EMC
Designed to meet EN55011
Class B, EN61000-6-2
PROTECTION
Over voltage protection Protective shut down, self reset after cool down.
Protective degree
IP67 (not connector)
Insulation
Input to case: 1.5kV, 500V for
12/24 models
Output to case: 500V.
Transient over voltage
25-35V @ 12VDC< 50-52V @ 24VDC model dependant
80-90V @ 36VDC model dependant
100-110V @ 48VDC model dependant 220V @ 110VDC
Reverse polarity
Protection
External input fuse is blown.
Over temperature
Protection
Protective shut down, self reset after cool down.
ENVIRONMENT
Ambient temperature
-40°C - 75°C without power derating, Max baseplate
temperature 100°C
Storage temperature
-40°C - 85°C
Humidity
100% relative humidity, dewing permitted.
Cooling
Natural convection / cooling via contact to
mounting surface.
MECHANICAL
Connectors
10cm cable with 6-pole AP connector MATE-N-LOK.
(Different cable/connector possible on
customer request).
Dimensions
153 x131 x 50mm
Weight
1500g
Case Material
Aluminium


Similar Part No. - DVC251

ManufacturerPart #DatasheetDescription
logo
LEM
DVC1000-P LEM-DVC1000-P Datasheet
1Mb / 9P
Voltage transducer DVC 1000-P
28February2018
logo
Powerbox
DVC125 POWERBOX-DVC125 Datasheet
97Kb / 2P
9 7 . 5 - 1 3 2 WAT T S D C / D C C O N V E R T E R
DVC500 POWERBOX-DVC500 Datasheet
233Kb / 2P
D C / D C A U T O M O T I V E C O N V E R T E R
logo
Texas Instruments
DVC5416PGE160IDWLD TI1-DVC5416PGE160IDWLD Datasheet
881Kb / 98P
Fixed-Point Digital Signal Processor
DVC5416PGE160IDWLD TI1-DVC5416PGE160IDWLD Datasheet
914Kb / 98P
Fixed-Point Digital Signal Processor
More results

Similar Description - DVC251

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SCA1000-D01 MURATA-SCA1000-D01 Datasheet
352Kb / 18P
P R O D U C T S P E C I F I C A T I O N F O R X Y - D U A L A X I S A C C E L E R O M E T E R
SCA1020-D06 MURATA-SCA1020-D06 Datasheet
359Kb / 19P
P R O D U C T S P E C I F I C A T I O N F O R Z Y - D U A L A X I S A C C E L E R O M E T E R
logo
E-Tech Electronics LTD
GD401SD ETL-GD401SD Datasheet
166Kb / 2P
S U R F A C E M O U N T , S C H O T T K Y B A R R I E R D I O D E R R I E R D I O D E
GS400SD ETL-GS400SD Datasheet
153Kb / 2P
S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 5 A
GS401SD ETL-GS401SD Datasheet
168Kb / 2P
S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 5 A
GS420SD ETL-GS420SD Datasheet
169Kb / 2P
S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 1 A
GS421SD ETL-GS421SD Datasheet
155Kb / 2P
S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 1 A
GDTL494 ETL-GDTL494 Datasheet
251Kb / 5P
V O L T A G E M O D E P W M C O N T R O L C II R C U II T
logo
Powerbox
DCM-VICHIP POWERBOX-DCM-VICHIP Datasheet
208Kb / 2P
D C / D C C O N V E R T E R M O D U L E
DVC500 POWERBOX-DVC500 Datasheet
233Kb / 2P
D C / D C A U T O M O T I V E C O N V E R T E R
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com