Electronic Components Datasheet Search
  English  ▼

X  

PBBA-CM Datasheet(PDF) 1 Page - Powerbox

Part # PBBA-CM
Description  C H A S S I S M O U N T
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBBA-CM Datasheet(HTML) 1 Page - Powerbox

  PBBA-CM Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Doc. No. PBC9 Rev.C 28-4-11
210
PBBA-CM Series
C H A S S I S M O U N T
FEATURES
•
Regulated Output
•
Overcurrent protected
•
2:1 Input ratio
•
Chassis mounted
•
Screw termination
•
C-tick compliant
PRODUCT INFORMATION
The PBBA-CM series chassis mounting DC/DC converters are available in
single and Multiple Outputs. They are 10W, 15W and 25W PBBA series
PCB mounting converters, mounted in an easy to install chassis mounting
enclosure with screw termination for easy installation.
TECHNICAL ILLUSTRATIONS
PART NUMBERING


Similar Part No. - PBBA-CM

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBBA-0505A POWERBOX-PBBA-0505A Datasheet
161Kb / 6P
1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
PBBA-0505A POWERBOX-PBBA-0505A Datasheet
188Kb / 4P
1 . 5 - 1 0 WAT T S - D C / D C S I N G L E - M U LT I P L E O U T P U T
PBBA-0505B POWERBOX-PBBA-0505B Datasheet
161Kb / 6P
1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
PBBA-0505B POWERBOX-PBBA-0505B Datasheet
188Kb / 4P
1 . 5 - 1 0 WAT T S - D C / D C S I N G L E - M U LT I P L E O U T P U T
PBBA-0505C POWERBOX-PBBA-0505C Datasheet
161Kb / 6P
1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
More results

Similar Description - PBBA-CM

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HS600K HUASHAN-HS600K Datasheet
192Kb / 3P
NPN S I L I C O N T R A N S I S T O R
logo
E-Tech Electronics LTD
GMBTA05 ETL-GMBTA05 Datasheet
227Kb / 2P
N P N S I L I C O N T R A N S I S T O R
GSBAW56 ETL-GSBAW56 Datasheet
122Kb / 2P
S U R F A C E M O U N T , S WI T C H I N G D I O D E
GSC1473A ETL-GSC1473A Datasheet
139Kb / 2P
N P N S I L I C O N T R A N S I S T O R
GSMBTA05 ETL-GSMBTA05 Datasheet
211Kb / 2P
N P N S I L I C O N T R A N S I S T O R
GT6924E ETL-GT6924E Datasheet
278Kb / 4P
N - C H A N N E L M O S F E T W I T H S C H O T T K Y D I O D E
logo
Powerbox
VI-200MEGA POWERBOX-VI-200MEGA Datasheet
164Kb / 1P
5 0 - 6 0 0 WAT T S - D C / D C C O N V E R T E R C H A S S I S M O U N T S I N G L E - M U LT I P L E O U T P U T
VI-J00MEGA POWERBOX-VI-J00MEGA Datasheet
168Kb / 1P
2 5 - 3 0 0 WAT T S - D C / D C C O N V E R T E R C H A S S I S M O U N T - S I N G L E - M U LT I P L E O U T P U T
RM848 POWERBOX-RM848 Datasheet
50Kb / 1P
8 0 0 WAT T S C O M M U N I C AT I O N S
logo
Gaomi Xinghe Electronic...
S1AF GXELECTRONICS-S1AF Datasheet
465Kb / 2P
S u r f a c e M o u n t G e n e r a l P u r p o s e S i l i c o n R e c t i f i e r s
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com