Electronic Components Datasheet Search
  English  ▼

X  

PBDRD15 Datasheet(PDF) 2 Page - Powerbox

Part # PBDRD15
Description  D I N R A I L D C / D C C O N V E R T E R
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBDRD15 Datasheet(HTML) 2 Page - Powerbox

  PBDRD15 Datasheet HTML 1Page - Powerbox PBDRD15 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerbox.com.au - 1800 251 380
www.powerbox.co.nz - 0800 104 480
PBDRD15 Series
D I N R A I L D C / D C C O N V E R T E R
TECHNICAL ILLUSTRATIONS
SELECTION TABLE
Doc. No. PBDRD15 Rev.B 18-12-15
MODEL
INPUT VOLTAGE
OUTPUT VOLTAGE
OUTPUT CURRENT
POWER
PBDRD15-03
9-36Vdc
3.3V
3.5A
11.5W
PBDRD15-05
9-36Vdc
5V
2.7A
13.5W
PBDRD15-09
9-36Vdc
9V
1.5A
13.5W
PBDRD15-12
9-36Vdc
12V
1.25A
15W
PBDRD15-15
9-36Vdc
15V
1A
15W
PBDRD15-24
9-36Vdc
24V
0.63A
15W



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com