Electronic Components Datasheet Search
  English  ▼

X  

PBDRD30 Datasheet(PDF) 1 Page - Powerbox

Part # PBDRD30
Description  D I N R A I L D C / D C C O N V E R T E R
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBDRD30 Datasheet(HTML) 1 Page - Powerbox

  PBDRD30 Datasheet HTML 1Page - Powerbox PBDRD30 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PBDRD30 Series
D I N R A I L D C / D C C O N V E R T E R
FEATURES
• 30W DC/DC Converter
• DIN Rail Mounting
• 9-36V Input Range
• Short Circuit Protection
• Internal input filter
• Low Profile.
SPECIFICATIONS
Doc. No. PBDRD30 Rev.B 18-12-15
www.powerbox.com.au - 1800 251 380
www.powerbox.co.nz - 0800 104 480
INPUT
Input voltages
12Vdc, 24Vdc
Input voltage range
9 to 36Vdc
OUTPUT
Output Power
30W
Output Voltage
see selection table
Output voltage accuracy
±1%
Line & Load regulation
±1%
Switching frequency
100 to 200Khz
Startup time
50ms
Transient recovery time
1ms
Ripple &noise
100mV
Efficiency
>83%
STANDARDS & APPROVALS
UL/cUL
EN 61000-4-2, EN 61000-4-3, EN 61000-4-4,
EN 61000-4-6, EN 61000-4-8, EN 61204-3
cTUVus
EN 60950-1 Meet IEC 60068-2-6
(Mounting by rail : 10- 500 Hz, 2G, along X, Y,
Z each Axis, 60 min for each Axis)
CE
EN 61000-6-3, EN 55022 Class B
EN 61000-6-2, EN 55024, EN 61000-4-2,
EN 61000-4-3, EN 61000-4-4
EN61000-4-5, EN 61000-4-6, EN 61000-4-8,
ENV 50204, EN 61204-3
Vibration resistance
Meet IEC 60068-2-6 (Mounting on rail:
10-500 Hz, 2G, along X, Y, Z each Axis,
60 min for each Axis
Shock resistance
Meet IEC 60068-2-27
(15G, 11ms, 3Axis, 6 Faces.
3 times for each face)
PROTECTION
Input fuse
T3A/63VDC internal
Over voltage protection
Yes Auto Recovery
Rated over load protection
110 to 165 %
Internal surge voltage protection IEC 61000-4-5, Varistor
Output short circuit
Current limited (Auto-recovery)
Isolation voltage
1500Vdc
Isolation resistance
100M ohm
Degree of protection
IP20
MTBF
>689,000hrs
INDICATORS
DC ON
Indicator threshold at start up (Green LED)
DC LOW
Indicator threshold after start up (Red LED)
Remote ON/OFF
Yes
ENVIRONMENTAL
Operating temperature
-40 to +71C
Derating
Derate from +51 ˚C to +71˚C at 2.5%/C
MECHANICAL
Dimensions
91 x 35 x 56.5mm
Case material
Plastic
Weight
120g


Similar Part No. - PBDRD30

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBDRD15 POWERBOX-PBDRD15 Datasheet
232Kb / 2P
D I N R A I L D C / D C C O N V E R T E R
PBDRD15-03 POWERBOX-PBDRD15-03 Datasheet
232Kb / 2P
D I N R A I L D C / D C C O N V E R T E R
PBDRD15-05 POWERBOX-PBDRD15-05 Datasheet
232Kb / 2P
D I N R A I L D C / D C C O N V E R T E R
PBDRD15-09 POWERBOX-PBDRD15-09 Datasheet
232Kb / 2P
D I N R A I L D C / D C C O N V E R T E R
PBDRD15-12 POWERBOX-PBDRD15-12 Datasheet
232Kb / 2P
D I N R A I L D C / D C C O N V E R T E R
More results

Similar Description - PBDRD30

ManufacturerPart #DatasheetDescription
logo
Powerbox
DCM-VICHIP POWERBOX-DCM-VICHIP Datasheet
208Kb / 2P
D C / D C C O N V E R T E R M O D U L E
DVC251 POWERBOX-DVC251 Datasheet
220Kb / 2P
D C / D C A U T O M O T I V E C O N V E R T E R
DVC500 POWERBOX-DVC500 Datasheet
233Kb / 2P
D C / D C A U T O M O T I V E C O N V E R T E R
PBB6A POWERBOX-PBB6A Datasheet
417Kb / 3P
C O S E L S I N G L E / D U A L D C / D C C O N V E R T E R
PBDRD15 POWERBOX-PBDRD15 Datasheet
232Kb / 2P
D I N R A I L D C / D C C O N V E R T E R
VICHIP-VTM POWERBOX-VICHIP-VTM Datasheet
105Kb / 1P
D C / D C C U R R E N T M U LT I P L I E R M O D U L E
PBMPLS POWERBOX-PBMPLS Datasheet
385Kb / 2P
D C / A C S I N EWA V E I N V E R T E R
PBMPLS-RM POWERBOX-PBMPLS-RM Datasheet
138Kb / 2P
D C / A C S I N EWA V E I N V E R T E R
PHOENIX POWERBOX-PHOENIX Datasheet
951Kb / 2P
D C / A C S I N EWA V E I N V E R T E R
logo
Insel Rectifier India P...
DS7000SK IRI-DS7000SK Datasheet
1Mb / 4P
S T A N D A R D R E C O V E R Y D I O D E
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com